Electronic Components Datasheet Search
  English  ▼

X  

FP0030 Datasheet(PDF) 2 Page - Supertex, Inc

Part # FP0030
Description  Low Voltage Protection Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

FP0030 Datasheet(HTML) 2 Page - Supertex, Inc

  FP0030 Datasheet HTML 1Page - Supertex, Inc FP0030 Datasheet HTML 2Page - Supertex, Inc FP0030 Datasheet HTML 3Page - Supertex, Inc FP0030 Datasheet HTML 4Page - Supertex, Inc FP0030 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FP0030
Supertex inc.
www.supertex.com
Doc.# DSFP-FP0030
A072312
Absolute Maximum Ratings
Parameter
Value
V
A-B, Differential voltage drop
0 to ±22V
Maximum junction temperature
+125°C
Storage temperature range
-65° to +150°C
Power dissipation, T
A@25°C
360mW1
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Note:
1. Mounted on FR4 board, 25mm x 25mm x 1.57mm.
Ordering Information
Part Number
Package
Packing
FP0030K1-G
3-Lead SOT-23
3000/Reel
-G indicates package is RoHS compliant (‘Green’)
SOT-23 (K1)
SOT-23 (K1)
F03W
W = Code for week sealed
= “Green” Packaging
Product Marking
Package may or may not include the following marks: Si or
Sym
Parameter
Min
Typ
Max
Units Conditions
BV
A-B
Differential input voltage range from A to B
±20
-
-
V
I
A-B = ±2.0mA
R
SW
Switch ON-resistance from A to B
-
6.5
8.5
Ω
I
A-B = ±50mA, VA or VB = 0V
V
TRIP
V
A-B trip point to turn off
-
±1.5
-
V
---
V
OFF
Switch turn off voltage
-
±3.2
-
V
I
A-B = ±1.0mA
I
A-B(OFF)
Switch off current
-
±800
±1500
µA
V
A-B = ±15V
I
PEAK
Peak switching current
-
±155
-
mA
---
T
OFF
Turn off time
-
30
60
ns
See Figure 1
T
ON
Turn on time
-
1.0
2.0
µs
See Figure 2
C
SW(ON)
Switch ON-capacitance from A to B or B to A
-
32
-
pF
SW = ON
C
SW(OFF)
Switch OFF-capacitance from A to B or B to A
-
11
-
pF
V
SW = 10V
T
j
Operating junction temperature
-40
-
+125
O
C
---
Electrical Characteristics (T
j = 25
O
C unless otherwise specified)
SUB
B
A
Pin Configuration
Typical Thermal Resistance
Package
θ
ja
3-Lead SOT-23
203OC/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com