Electronic Components Datasheet Search
  English  ▼

X  

BAQ333 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAQ333
Description  Small Signal Switching Diodes, Low Leakage Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAQ333 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAQ333 Datasheet HTML 1Page - Vishay Siliconix BAQ333 Datasheet HTML 2Page - Vishay Siliconix BAQ333 Datasheet HTML 3Page - Vishay Siliconix BAQ333 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAQ333, BAQ334, BAQ335
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 01-Aug-12
2
Document Number: 85538
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Reverse Current vs. Junction Temperature
Fig. 2 - Forward Current vs. Forward Voltage
Fig. 3 - Board for RthJA Definition (in mm)
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 100 mA
VF
1V
Reverse current
E
 300 lx, rated V
R
IR
13
nA
E
 300 lx, rated V
R, Tj = 125 °C
IR
0.5
μA
E
 300 lx, V
R = 15 V
BAQ333
IR
0.5
1
nA
E
 300 lx, V
R = 30 V
BAQ334
IR
0.5
1
nA
E
 300 lx, V
R = 60 V
BAQ335
IR
0.5
1
nA
Breakdown voltage
IR = 5 μA, tp/T = 0.01,
tp = 0.3 ms
BAQ333
V(BR)
40
V
BAQ334
V(BR)
70
V
BAQ335
V(BR)
140
V
Diode capacitance
VR = 0 V, f = 1 MHz
CD
3pF
04080
120
160
1
10
100
1000
10 000
Tj - Junction Temperature (°C)
200
94 9079
Scattering Limit
VR =VRRM
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9078
Scattering Limit
Tj =25 °C
2.5
0.71
1.3
1.27
24
0.152
0.355
95 10329



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com