Electronic Components Datasheet Search
  English  ▼

X  

AD8031AR Datasheet(PDF) 13 Page - Analog Devices

Part # AD8031AR
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031AR Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8031AR Datasheet HTML 8Page - Analog Devices AD8031AR Datasheet HTML 9Page - Analog Devices AD8031AR Datasheet HTML 10Page - Analog Devices AD8031AR Datasheet HTML 11Page - Analog Devices AD8031AR Datasheet HTML 12Page - Analog Devices AD8031AR Datasheet HTML 13Page - Analog Devices AD8031AR Datasheet HTML 14Page - Analog Devices AD8031AR Datasheet HTML 15Page - Analog Devices AD8031AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8031/AD8032
–13–
REV. B
Output Overdrive Recovery
Output overdrive of an amplifier occurs when the amplifier
attempts to drive the output voltage to a level outside its normal
range. After the overdrive condition is removed, the amplifier
must recover to normal operation in a reasonable amount of
time. As shown in Figure 40, the AD8031/AD8032 recover
within 100 ns from negative overdrive and within 80 ns from
positive overdrive.
VS =
2.5V
VIN =
2.5V
RL = +1k
TO GND
100ns
1V
RF = RG = 2k
VOUT
RF
50
RG
VIN
RL
Figure 40. Overdrive Recovery
Driving Capacitive Loads
Capacitive loads interact with an op amp’s output impedance to
create an extra delay in the feedback path. This reduces circuit
stability, and can cause unwanted ringing and oscillation. A
given value of capacitance causes much less ringing when the
amplifier is used with a higher noise gain.
The capacitive load drive of the AD8031/AD8032 can be in-
creased by adding a low valued resistor in series with the capaci-
tive load. Introducing a series resistor tends to isolate the
capacitive load from the feedback loop, thereby, diminishing its
influence. Figure 41 shows the effects of a series resistor on
capacitive drive for varying voltage gains. As the closed-loop
gain is increased, the larger phase margin allows for larger ca-
pacitive loads with less overshoot. Adding a series resistor at
lower closed-loop gains accomplishes the same effect. For large
capacitive loads, the frequency response of the amplifier will be
dominated by the roll-off of the series resistor and capacitive
load.
1000
10
100
01
4
CLOSED-LOOP GAIN – V/V
23
RG
CL
RF
VOUT
VS = +5V
200mV STEP
WITH 30% OVERSHOOT
RS = 20
RS = 0 , 5
1
5
RS = 20
RS
RS = 0
RS = 5
Figure 41. Capacitive Load Drive vs. Closed-Loop Gain
Output Stage, Open-Loop Gain and Distortion vs. Clearance
from Power Supply
The AD8031 features a rail-to-rail output stage. The output
transistors operate as common emitter amplifiers, providing the
output drive current as well as a large portion of the amplifier’s
open-loop gain.
Q37
R29
300
Q47
Q21
Q20
Q51
Q27
Q68
Q44
Q42
Q48
Q49
Q50
Q43
C5
1.5pF
I4
25 A
VOUT
Q38
I1
25 A
DIFFERENTIAL
DRIVE
FROM
INPUT STAGE
I5
25 A
I2
25 A
C9
5pF
Figure 39. Output Stage Simplified Schematic
The output voltage limit depends on how much current the
output transistors are required to source or sink. For applica-
tions with very low drive requirements (a unity gain follower
driving another amplifier input, for instance), the AD8031 typi-
cally swings within 20 mV of either voltage supply. As the re-
quired current load increases, the saturation output voltage will
increase linearly as ILOAD
× R
C, where ILOAD is the required load
current and RC is the output transistor collector resistance. For
the AD8031, the collector resistances for both output transistors
are typically 25
Ω. As the current load exceeds the rated output
current of 15 mA, the amount of base drive current required to
drive the output transistor into saturation will reach its limit,
and the amplifier’s output swing will rapidly decrease.
The open-loop gain of the AD8031 decreases approximately
linearly with load resistance and also depends on the output
voltage. Open-loop gain stays constant to within 250 mV of the
positive power supply, 150 mV of the negative power supply and
then decreases as the output transistors are driven further into
saturation.
The distortion performance of the AD8031/AD8032 amplifiers
differs from conventional amplifiers. Typically an amplifier’s
distortion performance degrades as the output voltage ampli-
tude increases.
Used as a unity gain follower, the AD8031/AD8032 output will
exhibit more distortion in the peak output voltage region around
VCC –0.7 V. This unusual distortion characteristic is caused by
the input stage architecture and is discussed in detail in the
section covering “Input Stage Operation.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com