Electronic Components Datasheet Search
  English  ▼

X  

AD8048 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8048
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8048 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8048 Datasheet HTML 2Page - Analog Devices AD8048 Datasheet HTML 3Page - Analog Devices AD8048 Datasheet HTML 4Page - Analog Devices AD8048 Datasheet HTML 5Page - Analog Devices AD8048 Datasheet HTML 6Page - Analog Devices AD8048 Datasheet HTML 7Page - Analog Devices AD8048 Datasheet HTML 8Page - Analog Devices AD8048 Datasheet HTML 9Page - Analog Devices AD8048 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
–6–
AD8047/AD8048
AD8047–Typical Characteristics
–6
–8
–4
–2
0
FREQUENCY – Hz
1G
100M
10M
RL = 100Ω
RF = 0Ω FOR DIP
RF = 66.5Ω FOR SOIC
VOUT = 300mV p-p
1M
–1
1
–3
–5
–7
–9
Figure 15. AD8047 Small Signal Frequency Response
G = +1
–0.6
–0.8
–0.4
–0.2
0
FREQUENCY – Hz
1G
100M
10M
RL = 100Ω
RF = 0Ω FOR DIP
RF = 66.5Ω FOR SOIC
VOUT = 300mV p-p
1M
0.1
–0.1
–0.3
–0.5
–0.7
–0.9
Figure 16. AD8047 0.1 dB Flatness, G = +1
0
–20
20
40
60
FREQUENCY – Hz
1G
10M
10k
1k
70
50
30
10
–10
–30
–40
–80
0
40
80
100
60
20
–20
–60
–100
PHASE
MARGIN
GAIN
100k
1M
100M
RL = 100Ω
Figure 17. AD8047 Open-Loop Gain and Phase Margin vs.
Frequency
–6
–8
–4
–2
0
FREQUENCY – Hz
1G
100M
10M
1M
–1
1
–3
–5
–7
–9
RL = 100Ω
RF = 0Ω FOR DIP
RF = 66.5Ω FOR SOIC
VOUT = 2V p-p
Figure 18. AD8047 Large Signal Frequency Response,
G = +1
–6
–8
–4
–2
0
FREQUENCY – Hz
1G
100M
10M
1M
–1
1
–3
–5
–7
–9
RL = 100Ω
RF = RIN = 200Ω
VOUT = 300mV p-p
Figure 19. AD8047 Small Signal Frequency Response,
G = –1
–90
–110
–70
–50
–30
FREQUENCY – Hz
100M
1M
100k
10k
–40
–20
–60
–80
–100
–120
10M
2ND HARMONIC
3RD HARMONIC
RL = 1kΩ
VOUT = 2V p-p
Figure 20. AD8047 Harmonic Distortion vs. Frequency,
G = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com