Electronic Components Datasheet Search
  English  ▼

X  

PL1112 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PL1112
Description  Low Power Through-Hole Transformers, Single Primary, Input 115 V Dual Secondary: PL-11 thru PL-14, Single Secondary: PL-32 thru PL-34
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PL1112 Datasheet(HTML) 3 Page - Vishay Siliconix

  PL1112 Datasheet HTML 1Page - Vishay Siliconix PL1112 Datasheet HTML 2Page - Vishay Siliconix PL1112 Datasheet HTML 3Page - Vishay Siliconix PL1112 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PL-11, PL-12, PL-13, PL-14, PL-32, PL-33, PL-34
www.vishay.com
Vishay Dale
Revision: 06-Dec-11
3
Document Number: 34071
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONAL CONFIGURATIONS (Reference) in inches (millimeters)
Basic Style
“A” Type of Mounting Frame
“B” Type of Mounting Frame
MODEL
AB
C
D
E
F
G
H
I
J
K
PL-11
1.04
(26.42)
0.860
(21.84)
0.250
(6.35)
0.920
(23.37)
0.720
(18.29)
1.07
(27.18)
1.38
(35.05)
1.69
(42.93)
0.018
(0.457)
0.125
(3.18)
0.125
(3.18)
PL-12
PL-32
1.43
(36.32)
1.20
(30.48)
0.312
(7.92)
1.19
(30.23)
1.0
(25.40)
1.50
(38.10)
1.75
(44.45)
2.12
(53.85)
0.031
(0.787)
0.125
(3.18)
0.188
(4.78)
PL-13
PL-33
1.68
(42.67)
1.38
(35.05)
0.400
(10.16)
1.30
(33.02)
1.10
(27.94)
1.75
(44.45)
2.0
(50.80)
2.44
(61.98)
0.031
(0.787)
0.125
(3.18)
0.188
(4.78)
PL-14
PL-34
1.93
(49.02)
1.64
(41.66)
0.400
(10.16)
1.48
(37.59)
1.30
(33.02)
2.0
(50.80)
2.38
(60.45)
2.88
(73.15)
0.031
(0.787)
0.188
(4.78)
0.188
(4.78)
MARKING
- Dale
- Mode
- Date code
ORDERING INFORMATION
PL-11
01
A
S
EB
e2
MODEL
OUTPUT VOLTAGE
AND CURRENT
MOUNTING FRAME
(If not required, leave blank)
BOBBIN STANDOFF
(If not required, leave blank)
PACKAGE
CODE
JEDEC LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
PL
1
1
0
1
A
S
E
B
MODEL
OUTPUT VOLTAGE
AND CURRENT
MOUNTING
FRAME
(If not required,
leave blank)
BOBBIN
STANDOFF
(If not required,
leave blank)
PACKAGE
CODE
PL-11, PL-12, PL-13, PL-14
PL-32, PL-33, PL-34
0.150
(3.81)
Min.
0.041
(1.04)
Typ.
B
A
PC Terminal
(Plug in
Mounting)
C
C
DE
1
3
4
2
5
6
D
E
3
2
1
4
5
0.250
(6.35)
Typ.
F
I
J
K Dia.
2 Holes
G
F
H
CL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com