Electronic Components Datasheet Search
  English  ▼

X  

AO4940 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4940
Description  Asymmetric Dual N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4940 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4940_12 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4940_12 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4940_12 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4940_12 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4940_12 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4940_12 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4940_12 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AO4940
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
0.1
TJ=125°C
10
IGSS
0.1
µA
VGS(th)
Gate Threshold Voltage
1.3
1.65
2.5
V
ID(ON)
100
A
12.5
15
TJ=125°C
18
22
18.5
23
m
Ω
gFS
26
S
VSD
0.43
0.5
V
IS
3
A
Ciss
903
1100
pF
Coss
225
pF
Crss
91
pF
Rg
1.7
3.0
Ω
Qg(10V)
15.3
20
Qg(4.5V)
7.8
10
nC
Qgs
2.0
nC
Qgd
3.9
nC
tD(on)
5.0
ns
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=9.1A
Reverse Transfer Capacitance
VDS=VGS ID=250µA
FET1(Intergrated Schottky Diode) Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
Zero Gate Voltage Drain Current
mA
VDS=0V, VGS= ±20V
Gate-Body leakage current
Maximum Body-Diode + Schottky Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
Turn-On DelayTime
m
Ω
VGS=4.5V, ID=7.3A
IS=1A,VGS=0V
VDS=5V, ID=9.1A
Total Gate Charge
VGS=10V, VDS=15V, ID=9.1A
Gate Drain Charge
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
tD(on)
5.0
ns
tr
9.2
ns
tD(off)
17.8
ns
tf
4.4
ns
trr
17
20
ns
Qrr
30.0
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=9.1A, dI/dt=300A/µs
IF=9.1A, dI/dt=300A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V,RL=1.65Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
A: The value of R θJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a still air environment with T A=25°C. The
value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C.
C. The R
θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
F. The current rating is based on the t≤ 10s thermal resistance rating.
Rev2: Jun. 2011
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com