Electronic Components Datasheet Search
  English  ▼

X  

AD8051AR Datasheet(PDF) 4 Page - Analog Devices

Part # AD8051AR
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8051AR Datasheet(HTML) 4 Page - Analog Devices

  AD8051AR Datasheet HTML 1Page - Analog Devices AD8051AR Datasheet HTML 2Page - Analog Devices AD8051AR Datasheet HTML 3Page - Analog Devices AD8051AR Datasheet HTML 4Page - Analog Devices AD8051AR Datasheet HTML 5Page - Analog Devices AD8051AR Datasheet HTML 6Page - Analog Devices AD8051AR Datasheet HTML 7Page - Analog Devices AD8051AR Datasheet HTML 8Page - Analog Devices AD8051AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
–4–
REV. B
AD8051/AD8052/AD8054–SPECIFICATIONS
(@ TA = +25 C, VS =
5 V, RL = 2 k
to Ground,
unless otherwise noted)
AD8051A/AD8052A
AD8054A
Parameter
Conditions
Min
Typ
Max Min
Typ
Max Units
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
G = +1, VO = 0.2 V p-p
70
110
85
160
MHz
G = –1, +2, VO = 0.2 V p-p
50
65
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p,
RL = 150 Ω,
RF = 1.1 k
Ω for AD8051A/AD8052A
20
MHz
RF = 200 Ω for AD8054A
15
MHz
Slew Rate
G = –1, VO = 2 V Step
105
170
150
190
V/
µs
Full Power Response
G = +1, VO = 2 V p-p
40
50
MHz
Settling Time to 0.1%
G = –1, VO = 2 V Step
50
40
ns
NOISE/DISTORTION PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, G = +2
–71
–72
dB
Input Voltage Noise
f = 10 kHz
16
16
nV/
√Hz
Input Current Noise
f = 10 kHz
900
900
fA/
√Hz
Differential Gain Error (NTSC)
G = +2, RL = 150 Ω
0.02
0.06
%
RL = 1 kΩ
0.02
0.02
%
Differential Phase Error (NTSC)
G = +2, RL = 150
Ω
0.11
0.15
Degrees
RL = 1 kΩ
0.02
0.03
Degrees
Crosstalk
f = 5 MHz, G = +2
–60
–60
dB
DC PERFORMANCE
Input Offset Voltage
1.8
11
1.8
13
mV
TMIN –TMAX
27
32
mV
Offset Drift
10
15
µV/°C
Input Bias Current
1.4
2.6
2
4.5
µA
TMIN –TMAX
3.5
4.5
µA
Input Offset Current
0.1
0.75
0.2
1.2
µA
Open-Loop Gain
RL = 2 kΩ
88
96
84
96
dB
TMIN –TMAX
96
96
dB
RL = 150 Ω
78
82
76
82
dB
TMIN –TMAX
80
80
dB
INPUT CHARACTERISTICS
Input Resistance
290
300
k
Ω
Input Capacitance
1.4
1.5
pF
Input Common-Mode Voltage Range
–5.2 to 4
–5.2 to 4
V
Common-Mode Rejection Ratio
VCM = –5 V to +3.5 V
72
88
70
86
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 10 k
Ω
–4.98 to +4.98
–4.97 to +4.97
V
RL = 2 kΩ
–4.85 to +4.85 –4.97 to +4.97
–4.8 to +4.8 –4.9 to +4.9
V
RL = 150 Ω
–4.45 to +4.3
–4.6 to +4.6
–4.0 to +3.8 –4.5 to +4.5
V
Output Current
VOUT = –4.5 V to +4.5 V
45
30
mA
TMIN –TMAX
45
30
mA
Short Circuit Current
Sourcing
100
60
mA
Sinking
160
100
mA
Capacitive Load Drive
G = +1 (AD8051/AD8052)
50
pF
G = +2 (AD8054)
40
pF
POWER SUPPLY
Operating Range
3
12
3
12
V
Quiescent Current/Amplifier
4.8
5.5
2.875
3.4
mA
Power Supply Rejection Ratio
∆V
S = ± 1 V
68
8068
80dB
OPERATING TEMPERATURE RANGE
–40
+85
–40
+85
°C
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com