Electronic Components Datasheet Search
  English  ▼

X  

AD8063 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8063
Description  Low-Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8063 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8063 Datasheet HTML 8Page - Analog Devices AD8063 Datasheet HTML 9Page - Analog Devices AD8063 Datasheet HTML 10Page - Analog Devices AD8063 Datasheet HTML 11Page - Analog Devices AD8063 Datasheet HTML 12Page - Analog Devices AD8063 Datasheet HTML 13Page - Analog Devices AD8063 Datasheet HTML 14Page - Analog Devices AD8063 Datasheet HTML 15Page - Analog Devices AD8063 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8061/AD8062/AD8063
–15–
REV. C
500mV
INPUT
OUTPUT
1
2
10 s
Figure 12. Input and Output Waveforms for a Single
Supply Video Sync Stripper Using an AD8061
Some video signals with sync are derived from single supply
devices, such as video DACs. These signals can contain sync,
but the whole waveform is positive, and the black level is not at
ground but at some positive voltage. The circuit can be modified to
provide the sync stripping function for such a waveform. Instead
of connecting RG to ground, it should be connected to a dc
voltage that is two times the black level of the input signal. The
gain from the +input to the output is two, which means that
the black level will be amplified by two to the output. However,
the gain through RG is –unity to the output. It will take a dc
level of twice the input black level to shift the black level to
ground at the output. When this occurs, the sync will be
stripped, and the active video will be passed as in the ground
referenced case.
75
10 F
0.1 F
3V
3
2
4
6
7
75
MONITOR
#1
75
75
75
1k
1k
1k
1k
3V
1k
3
2
5
6
7
8
1
4
MONITOR
#2
GREEN
DAC
RED
GREEN
BLUE
RED
DAC
BLUE
DAC
75
75
75
75
AD8061
75
10 F
0.1 F
1k
AD8062
75
AD8062
75
Figure 13. RGB Cable Driver Using AD8061 and AD8062
RGB Amplifier
Most RGB graphics signals are created by video-DAC outputs
that drive a current through a resistor to ground. At the video
black level, the current goes to zero, and thus the voltage of the
video is also zero. Before the availability of high-speed rail-to-
rail op amps, it was essential that an amplifier have a negative
supply to amplify such a signal. Such an amplifier is necessary
if one wants to drive a second monitor with from the same
DAC outputs.
However, high-speed, rail-to-rail output amplifiers like the
AD8061 and AD8062 can accept ground level input signals and
output ground level signals and thus be used as RGB signal
amplifiers. A combination of the AD8061 (single) and AD8062
(dual) can amplify the three video channels of an RGB system.
Figure 13 shows a circuit that performs this function.
Multiplexer
The AD8063 has a disable pin that can be used to power down
the amplifier to save power, or can be used to create a mux circuit.
If two (or more) AD8063 outputs are connected together and
only one is enabled, then only the signal of the enabled amplifier
will appear at the output. This configuration can be used to select
from various input-signal sources. Additionally, the same input
signal can be applied to different gain stages or differently
tuned filters to make a gain-step amplifier or a selectable-
frequency amplifier.
Figure 14 shows a schematic of two AD8063s used to create a
mux that selects between two inputs. One of these is a 1 V p-p,
3 MHz sine wave and the other is a 2 V p-p, 1 MHz sine wave.
49.9
1k
+4V
1
–4V
49.9
TIME
BASE
OUT
TIME
BASE
IN
1V P-P
3MHz
2V P-P
1MHz
VOUT
49.9
SELECT
HCO4
1k
10 F
0.1 F
10 F
0.1 F
AD8063
49.9
1k
+4V
1
–4V
1k
10 F
0.1 F
10 F
0.1 F
AD8063
Figure 14. Two-to-One Multiplexer Using Two AD8063s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com