Electronic Components Datasheet Search
  English  ▼

X  

AD8048-EB Datasheet(PDF) 15 Page - Analog Devices

Part # AD8048-EB
Description  250 MHz, General Purpose Voltage Feedback Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8048-EB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8048-EB Datasheet HTML 8Page - Analog Devices AD8048-EB Datasheet HTML 9Page - Analog Devices AD8048-EB Datasheet HTML 10Page - Analog Devices AD8048-EB Datasheet HTML 11Page - Analog Devices AD8048-EB Datasheet HTML 12Page - Analog Devices AD8048-EB Datasheet HTML 13Page - Analog Devices AD8048-EB Datasheet HTML 14Page - Analog Devices AD8048-EB Datasheet HTML 15Page - Analog Devices AD8048-EB Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD8047/AD8048
REV. 0
–15–
Table I.
AD8047
AD8048
Component
–1
+1
+2
+10
+101
–1
+2
+10
+101
RF
200
Ω
66.5
Ω
1 k
Ω
1 k
Ω
1 k
Ω
200
Ω
200
Ω
1 k
Ω
1 k
Ω
RG
200
Ω
–1 k
Ω
110
Ω
10
Ω
200
Ω
200
Ω
110
Ω
10
Ω
RO
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
RS
–0
Ω
0
Ω
0
Ω
0
Ω
–0
Ω
0
Ω
0
Ω
RT
66.5
Ω
49.9
Ω
49.9
Ω
49.9
Ω
49.9
Ω
66.5
Ω
49.9
Ω
49.9
Ω
49.9
Ω
Small Signal
BW (–3 dB)
90 MHz
260 MHz 95 MHz
10 MHz
1 MHz
250 MHz 250 MHz 22 MHz
2 MHz
Figure 61. Noninverting Configurations for Evaluation Boards
Figure 62. Evaluation Board Silkscreen (Top)
Figure 63. Board Layout (Solder Side)
SOIC (R)
INVERTER
SOIC (R)
NONINVERTER
SOIC (R)
INVERTER
SOIC (R)
NONINVERTER
C1
1000pF
C3
0.1
µF
C5
10
µF
C2
1000pF
C4
0.1
µF
C6
10
µF
+V
S
–V
S
OPTIONAL
Noninverting Configuration
Supply Bypassing
R
F
R
O
+V
S
–V
S
R
T
R
G
OUT
N
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com