Electronic Components Datasheet Search
  English  ▼

X  

AD8079 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8079
Description  Dual 260 MHz Gain = 2.0 & 2.2 Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8079 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8079 Datasheet HTML 4Page - Analog Devices AD8079 Datasheet HTML 5Page - Analog Devices AD8079 Datasheet HTML 6Page - Analog Devices AD8079 Datasheet HTML 7Page - Analog Devices AD8079 Datasheet HTML 8Page - Analog Devices AD8079 Datasheet HTML 9Page - Analog Devices AD8079 Datasheet HTML 10Page - Analog Devices AD8079 Datasheet HTML 11Page - Analog Devices AD8079 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD8079
REV. A
–10–
+VS
–VS
RT
IN
50
Ω
OUT
+VS
–VS
C1
0.1µF
C3
10µF
C2
0.1µF
C4
10µF
+VS
–VS
RT
50
Ω
OUT
IN
*SEE TABLE I
Supply Bypassing
Inverting Configuration
Noninverting Configuration (G = +2)
+VS
–VS
RT
OUT
IN
TIE INPUT PINS
TOGETHER
TO MINIMIZE
PEAKING
Noninverting Configuration (G = +1)
RT
OUT
IN
AD8079B
TRIM
200
Ω
Optional Gain Trim (G = +2
→ +2.2)
Figure 29. Inverting and Noninverting Configurations
Table I. Recommended Component Values
Component
–1
+1
+2/+2.2
RT (Nominal) (
Ω)
53.6
49.9
49.9
Small Signal BW (MHz)
220
750
260
0.1 dB Flatness (MHz)
50
100
50
Figure 30. Board Layout (Silkscreen)
Figure 31. Board Layout (Component Layer)
Figure 32. Board Layout (Solder Side; Looking Through
the Board)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com