Electronic Components Datasheet Search
  English  ▼

X  

AD8037-EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD8037-EB
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8037-EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8037-EB Datasheet HTML 3Page - Analog Devices AD8037-EB Datasheet HTML 4Page - Analog Devices AD8037-EB Datasheet HTML 5Page - Analog Devices AD8037-EB Datasheet HTML 6Page - Analog Devices AD8037-EB Datasheet HTML 7Page - Analog Devices AD8037-EB Datasheet HTML 8Page - Analog Devices AD8037-EB Datasheet HTML 9Page - Analog Devices AD8037-EB Datasheet HTML 10Page - Analog Devices AD8037-EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
AD8036/AD8037
REV. A
–7–
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p-p
VS = 5V
RL = 500
G = +1
2ND HARMONIC
3RD HARMONIC
Figure 21. AD8036 Harmonic Distortion vs. Frequency,
RL = 500 Ω
–30
–130
100k
100M
10M
1M
10k
–70
–50
–110
–90
FREQUENCY – Hz
VO = 2V p-p
VS = 5V
RL = 100
G = +1
2ND HARMONIC
3RD HARMONIC
Figure 22. AD8036 Harmonic Distortion vs. Frequency,
RL = 100 Ω
50
30
10
100
20
40
FREQUENCY – MHz
60
20
40
80
60
Figure 23. AD8036 Third Order Intercept vs. Frequency
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
0.04
0.02
0.00
–0.02
–0.04
0.04
0.02
0.00
–0.02
–0.04
0.06
–0.06
Figure 24. AD8036 Differential Gain and Phase Error,
G = +1, RL = 150 Ω, F = 3.58 MHz
SETTLING TIME – ns
0
5
10
15
20
25
30
35
40
45
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
Figure 25. AD8036 Short-Term Settling Time to 0.01%, 2 V
Step, G = +1, RL = 100 Ω
SETTLING TIME -
s
0
2
4
6
8
10
12 14
16
18
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
Figure 26. AD8036 Long-Term Settling Time, 2 V Step,
G = +1, RL = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com