Electronic Components Datasheet Search
  English  ▼

X  

AD8062ARM Datasheet(PDF) 10 Page - Analog Devices

Part # AD8062ARM
Description  Low-Cost, 300 MHz Rail-to-Rail Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062ARM Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8062ARM Datasheet HTML 6Page - Analog Devices AD8062ARM Datasheet HTML 7Page - Analog Devices AD8062ARM Datasheet HTML 8Page - Analog Devices AD8062ARM Datasheet HTML 9Page - Analog Devices AD8062ARM Datasheet HTML 10Page - Analog Devices AD8062ARM Datasheet HTML 11Page - Analog Devices AD8062ARM Datasheet HTML 12Page - Analog Devices AD8062ARM Datasheet HTML 13Page - Analog Devices AD8062ARM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8061/AD8062/AD8063
–10–
REV. C
FREQUENCY – MHz
500
0.1
10
100
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
–PSRR
+PSRR
VS = 0.2V p-p
RL = 1k
VS = 5V
0.01
TPC 25.
±PSRR vs. Frequency Delta
FREQUENCY – MHz
0.01
500
0.1
10
100
–120
–110
–100
–80
–70
–60
–50
–40
–30
–20
1
INPUT = SIDE 2
INPUT = SIDE 1
VS = 5V
VIN = 400mV rms
RL = 1k
G = 2
–90
IN
1k
1k
50
+2.5V
1k
OUT
–2.5V
TPC 26. AD8062 Crosstalk, VOUT = 2.0 V p-p, RL = 1 k
Ω,
G = 2, VS = 5 V
FREQUENCY – MHz
0
1
1000
–20
100
10
–10
–30
–50
–40
–60
–70
–80
–90
VS = 5V
VO = 0.2V p-p
RL = 1k
VBIAS = 1V
TPC 27. Disabled Output Isolation Frequency Response
DISABLE VOLTAGE
7
1.0
5.0
1.5
2.0
2.5
6
5
4
3
1
0
3.0
2
3.5
4.0
4.5
VS = 5V
TPC 28.
DISABLE Voltage vs. Supply Current
VDISABLE
TIME –
s
6
0
2.0
0.4
5
4
3
2
0
–1
0.8
1
1.2
1.6
VOUT
VS = 5V
G = 2
fIN = 10MHz
@ 1.3VBIAS
RL = 100
TPC 29.
DISABLE Function, Voltage = 0 V to 5 V
FREQUENCY – MHz
1000
0.1
1000
10
1
10
100
100
1
0.1
0.01
VS = 5V
VO = 0.2V p-p
RL = 1k
VBIAS = 1V
TPC 30. Output Impedance vs. Frequency, VOUT = 0.2 V
p-p, RL = 1 k
Ω, VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com