Electronic Components Datasheet Search
  English  ▼

X  

AO7412 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO7412
Description  30V N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7412 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO7412_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7412_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7412_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7412_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO7412_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO7412
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
0.5
1
1.5
V
ID(ON)
15
A
45
55
TJ=125°C
70
84
50
65
m
Ω
61
85
m
Ω
gFS
14
S
VSD
0.75
1
V
IS
1.5
A
Ciss
185
235
285
pF
Coss
25
35
45
pF
Crss
10
18
25
pF
Rg
2.1
4.3
6.5
Ω
Qg(10V)
10
12
nC
Qg(4.5V)
4.7
nC
Qgs
0.95
nC
Qgd
1.6
nC
t
3.5
ns
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=1.7A
Reverse Transfer Capacitance
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
IDSS
µA
VDS=VGS ID=250µA
VDS=0V, VGS=±12V
RDS(ON)
Static Drain-Source On-Resistance
m
Ω
Gate resistance
VGS=0V, VDS=0V, f=1MHz
IS=1A,VGS=0V
VDS=5V, ID=1.7A
VGS=2.5V, ID=1A
VGS=4.5V, ID=1.5A
Total Gate Charge
VGS=10V, VDS=15V, ID=1.7A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
tD(on)
3.5
ns
tr
1.5
ns
tD(off)
17.5
ns
tf
2.5
ns
trr
8.5
11
ns
Qrr
2.6
3.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
IF=1.7A, dI/dt=100A/µs
Turn-Off Fall Time
Body Diode Reverse Recovery Charge IF=1.7A, dI/dt=100A/µs
Turn-On DelayTime
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=8Ω,
RGEN=3Ω
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 2: August 2011
www.aosmd.com
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com