Electronic Components Datasheet Search
  English  ▼

X  

AO7801 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO7801
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7801 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO7801 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7801 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7801 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7801 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO7801
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
-1
TJ=55°C
-5
IGSS
±10
µA
VGS(th)
-0.5
-0.6
-0.9
V
ID(ON)
-3
A
400
520
TJ=125°C
542
700
540
700
m
Ω
700
950
m
Ω
gFS
1.7
S
VSD
-0.86
-1
V
IS
-0.4
A
Ciss
114
140
pF
Coss
17
pF
Crss
14
pF
Rg
12
17
Ω
Qg
1.44
1.8
nC
Qgs
0.14
nC
Qgd
0.35
nC
tD(on)
6.5
ns
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Gate Drain Charge
On state drain current
VGS=-4.5V, VDS=-5V
Maximum Body-Diode Continuous Current
Input Capacitance
Gate resistance
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-0.6A
Gate Source Charge
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
m
Ω
VGS=-2.5V, ID=-0.5A
IS=-0.5A,VGS=0V
VDS=-5V, ID=-0.6A
Gate Threshold Voltage
VDS=VGS ID=-250µA
VDS=-16V, VGS=0V
VDS=0V, VGS=±8V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Drain-Source Breakdown Voltage
ID=-250µA, VGS=0V
VGS=-1.8V, ID=-0.4A
VGS=-4.5V, ID=-0.6A
Reverse Transfer Capacitance
VGS=0V, VDS=-10V, f=1MHz
Alpha & Omega Semiconductor, Ltd.
tD(on)
6.5
ns
tr
6.5
ns
tD(off)
18.2
ns
tf
5.5
ns
trr
10
13
ns
Qrr
3
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Turn-On DelayTime
Turn-On Rise Time
Turn-Off DelayTime
VGS=-4.5V, VDS=-10V,
RL=16.7Ω, RGEN=3Ω
Turn-Off Fall Time
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-0.6A, dI/dt=100A/µs
IF=-0.6A, dI/dt=100A/µs
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any a given application depends on the user's specific board design. The current rating is based on the t ≤ 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The
SOA curve provides a single pulse rating.
Rev2: May 2012
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com