Electronic Components Datasheet Search
  English  ▼

X  

AD8073JR Datasheet(PDF) 10 Page - Analog Devices

Part # AD8073JR
Description  Low Cost, Dual/Triple Video Amplifiers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8073JR Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8073JR Datasheet HTML 3Page - Analog Devices AD8073JR Datasheet HTML 4Page - Analog Devices AD8073JR Datasheet HTML 5Page - Analog Devices AD8073JR Datasheet HTML 6Page - Analog Devices AD8073JR Datasheet HTML 7Page - Analog Devices AD8073JR Datasheet HTML 8Page - Analog Devices AD8073JR Datasheet HTML 9Page - Analog Devices AD8073JR Datasheet HTML 10Page - Analog Devices AD8073JR Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
REV. A
AD8072/AD8073
–10–
Crosstalk
Crosstalk between internal amplifiers may vary depending on
which amplifier is being driven and how many amplifiers are
being driven. This variation typically stems from pin location on
the package and the internal layout of the IC itself. Table I
illustrates the typical crosstalk results for a combination of
conditions.
Table I. AD8073JR Crosstalk Table (dB)
Receive Amplifier
AD8073JR
12
3
1
X
–60
–56
Drive
2
–60
X
–60
Amplifier
3
–54
–60
X
All Hostile
–53
–55
–54
CONDITIONS
VS =
±5 V
RF = 1 k
Ω, R
L = 150
Ω
AV = +2
VOUT = 2 V p-p on Drive Amplifier
Layout Considerations
The specified high speed performance of the AD8072 and
AD8073 require careful attention to board layout and compo-
nent selection. Proper RF design techniques and low parasitic
component selection are mandatory.
The PCB should have a ground plane covering all unused portions
of the component side of the board to provide a low impedance
ground path. The ground plane should be removed from the
area near the input pins to reduce stray capacitance.
Chip capacitors should be used for supply bypassing. One end
of the capacitor should be connected to the ground plane and
the other within 1/8 inches of each power pin. An additional
large (4.7
µF–10 µF) tantalum electrolytic capacitor should be
connected in parallel, but not necessarily as close to the supply
pins, to provide current for fast large-signal changes at the
device’s output.
The feedback resistor should be located close to the inverting
input pin in order to keep the stray capacitance at this node to a
minimum. Capacitance variations of less than 1 pF at the invert-
ing input will affect high speed performance.
Stripline design techniques should be used for long signal traces
(greater than about 1 inch). These should be designed with a
characteristic impedance of 50
Ω or 75 Ω and be properly termi-
nated at each end.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com