Electronic Components Datasheet Search
  English  ▼

X  

AD8116 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8116
Description  200 MHz, 16 x 16 Buffered Video Crosspoint Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8116 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8116 Datasheet HTML 18Page - Analog Devices AD8116 Datasheet HTML 19Page - Analog Devices AD8116 Datasheet HTML 20Page - Analog Devices AD8116 Datasheet HTML 21Page - Analog Devices AD8116 Datasheet HTML 22Page - Analog Devices AD8116 Datasheet HTML 23Page - Analog Devices AD8116 Datasheet HTML 24Page - Analog Devices AD8116 Datasheet HTML 25Page - Analog Devices AD8116 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
AD8116
–22–
REV. A
Optimized for video applications, all signal inputs and outputs
are terminated with 75
Ω resistors. Figure 34 shows a cross-
section of one of the input or output tracks along with the ar-
rangement of the PCB layers. It should be noted that unused
regions of the four layers are filled up with ground planes. As a
result, the input and output traces, in addition to having con-
trolled impedances, are well shielded.
w = 0.008"
(0.2mm)
a = 0.008"
(0.2mm)
c = 0.028"
(0.714mm)
t = 0.00135" (0.0343mm)
TOP LAYER
SIGNAL LAYER
POWER LAYER
BOTTOM LAYER
b = 0.0132"
(0.335mm)
d = 0.0132"
(0.335mm)
Figure 34. Cross Section of Input and Output Traces
The board has 32 BNC type connectors: 16 inputs and 16 outputs.
The connectors are arranged in two crescents around the device.
As can be seen from Figure 31, this results in all sixteen input
signal traces and all sixteen signal output traces having the same
length. This is useful in tests such as All-Hostile Crosstalk
where the phase relationship and delay between signals needs to
be maintained from input to output.
The four power supply pins AVCC, DVCC, AVEE and DVEE
should be connected to good quality, low noise,
±5 V supplies.
Where the same
±5 V power supplies are used for analog and
digital, separate cables should be run for the power supply to the
evaluation board’s analog and digital power supply pins.
As can be seen in Figure 35, there is extensive power supply
decoupling on the evaluation board. Figure 35 shows the
location of all the decoupling capacitors relative to the AD8116’s
pins. Four large 10
µF capacitors are located near the evalua-
tion board’s power supply connection terminals. These de-
couple the AVCC, DVCC, AVEE and DVEE supplies. Because
it is required that the voltage difference between DGND and
AGND never exceed 0.7 V, these grounds are connected by
two antiparallel diodes. On the output side of the device (Pin 65
to Pin 96), the sixteen output pins are interleaved with the
AVCC and AVEE power supply pins. Each of these pins is
locally decoupled with a 0.01
µF capacitor. These pins are also
decoupled in groups of four with 0.1
µF capacitors. Due to
space constraints the power supply Pins 34 (DVCC) and 42
(DVEE) are neither connected nor decoupled. These pins are,
however, internally connected to DVCC and DVEE (Pins 127
and 119).
As a general rule, each power supply pin (or group of adjacent
power supply pins) should be locally decoupled with a 0.01
µF
capacitor. If there is a space constraint, it is more important to
decouple analog power supply pins before digital power supply
pins. A 0.1
µF capacitor, located reasonably close to the pins,
can be used to decouple a number of power supply pins. Finally
a 10
µF capacitor should be used to decouple power supplies as
they come on to the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com