Electronic Components Datasheet Search
  English  ▼

X  

AOTF7S65 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOTF7S65
Description  650V 7A a MOS Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF7S65 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOTF7S65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOTF7S65 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOT7S65/AOB7S65/AOTF7S65
Symbol
Min
Typ
Max
Units
650
-
-
700
750
-
-
-
1
-
10
-
IGSS
Gate-Body leakage current
-
-
±100
n
Α
VGS(th)
Gate Threshold Voltage
2.6
3.3
4
V
-
0.54
0.65
Ω
-
1.48
1.64
Ω
VSD
-
0.82
-
V
IS
Maximum Body-Diode Continuous Current
-
-
7
A
ISM
-
-
30
A
Ciss
-
434
-
pF
Coss
-
30
-
pF
Co(er)
-
23
-
pF
Co(tr)
-
80
-
pF
Crss
-
1
-
pF
Rg
-
17.5
-
Ω
Qg
-
9.2
-
nC
Qgs
-
2.5
-
nC
Qgd
-
2.7
-
nC
tD(on)
-
21
-
ns
tr
-
14
-
ns
tD(off)
-
55
-
ns
tf
-
15
-
ns
trr
-
224
-
ns
Irm
-
19
-
A
Qrr
-
2.8
-
µC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
VGS=0V, VDS=0 to 480V, f=1MHz
Effective output capacitance, time
related
I
IS=3.5A,VGS=0V, TJ=25°C
Input Capacitance
VGS=0V, VDS=100V, f=1MHz
Output Capacitance
Turn-Off DelayTime
Gate Drain Charge
Effective output capacitance, energy
related
H
Diode Forward Voltage
Body Diode Reverse Recovery Time
VGS=0V, VDS=100V, f=1MHz
Gate resistance
IF=3.5A,dI/dt=100A/µs,VDS=400V
Reverse Transfer Capacitance
VGS=10V, VDS=400V, ID=3.5A,
RG=25Ω
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=480V, ID=3.5A
Gate Source Charge
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Charge IF=3.5A,dI/dt=100A/µs,VDS=400V
Maximum Body-Diode Pulsed Current
C
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Peak Reverse Recovery Current
IF=3.5A,dI/dt=100A/µs,VDS=400V
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
RDS(ON)
Static Drain-Source On-Resistance
IDSS
VGS=10V, ID=3.5A, TJ=150°C
VGS=10V, ID=3.5A, TJ=25°C
VDS=5V,ID=250µA
µA
VDS=0V, VGS=±30V
BVDSS
V
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V, TJ=25°C
VDS=650V, VGS=0V
VDS=520V, TJ=150°C
Zero Gate Voltage Drain Current
ID=250µA, VGS=0V, TJ=150°C
A. The value of R θJA is measured with the device in a still air environment with T A =25°C.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C, Ratings are based on low frequency and duty cycles to keep initial TJ
=25°C.
D. The R θJA is the sum of the thermal impedance from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse ratin g.
G. L=60mH, IAS=1.7A, VDD=150V, Starting TJ=25°C
H. Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS.
I. Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS.
J. Wavesoldering only allowed at leads.
Rev1: Mar 2012
www.aosmd.com
Page 2 of 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com