Electronic Components Datasheet Search
  English  ▼

X  

ENMODS Datasheet(PDF) 10 Page - Vicor Corporation

Part # ENMODS
Description  Component Power Front-end System for EN Compliance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

ENMODS Datasheet(HTML) 10 Page - Vicor Corporation

Back Button ENMODS Datasheet HTML 5Page - Vicor Corporation ENMODS Datasheet HTML 6Page - Vicor Corporation ENMODS Datasheet HTML 7Page - Vicor Corporation ENMODS Datasheet HTML 8Page - Vicor Corporation ENMODS Datasheet HTML 9Page - Vicor Corporation ENMODS Datasheet HTML 10Page - Vicor Corporation ENMODS Datasheet HTML 11Page - Vicor Corporation ENMODS Datasheet HTML 12Page - Vicor Corporation ENMODS Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ENMods System: FARM3 and MiniHAM
Rev. 2.9
Page 10 of 13
Set your site on VICOR at vicorpower.com
Output Voltage
40
45
50
55
60
65
70
75
80
50
30
15
5
2
Figure 17 — Converter ripple rejection vs. output voltage (typical)
Operating Power (W)
0
5
10
15
20
25
30
500
250
*
2,200
μF
1,600
μF
1,300
μF
*
1,100
μF
820
μF
680
μF
Figure 16 — Ripple voltage vs. operating power and bus
capacitance, series combination of C1, C2 (see Figure 1a)
Figure 15 — Hold-up time
APPLICATION NOTE (CONT.)
205 V
190 V
Power Fail
Power Fail
Warning
Bus OK
Converter
Shut down
Hold-up Time
254 V
Ride-Through Time
Ripple (V p-p)
π – θθ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com