Electronic Components Datasheet Search
  English  ▼

X  

AOB270AL Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOB270AL
Description  75V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB270AL Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOB270AL Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB270AL Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB270AL Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB270AL Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB270AL Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB270AL Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AOT270AL/AOB270AL
Symbol
Min
Typ
Max
Units
BVDSS
75
V
VDS=75V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
2.2
2.7
3.3
V
ID(ON)
560
A
2.15
2.6
TJ=125°C
3.25
4
TO220
VGS=10V, ID=20A
1.95
2.4
TO263
TJ=125°C
3.0
3.8
VGS=6V, ID=20A
TO263
gFS
80
S
VSD
0.66
1
V
IS
140
A
Ciss
10830
pF
Coss
1520
pF
Crss
97
pF
Rg
0.3
0.75
1.2
Ω
Q
147
206
nC
2.55
3.2
Total Gate Charge
VGS=6V, ID=20A
Reverse Transfer Capacitance
VGS=0V, VDS=37.5V, f=1MHz
DYNAMIC PARAMETERS
Gate resistance
VGS=0V, VDS=0V, f=1MHz
3.0
2.35
m
Ω
Input Capacitance
Output Capacitance
Forward Transconductance
Diode Forward Voltage
VGS=10V, ID=20A
Maximum Body-Diode Continuous Current
G
TO220
IS=1A,VGS=0V
VDS=5V, ID=20A
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
VDS=VGS ID=250µA
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
SWITCHING PARAMETERS
IDSS
µA
Qg
147
206
nC
Qgs
38.5
nC
Qgd
30
nC
tD(on)
30
ns
tr
20
ns
tD(off)
66
ns
tf
18
ns
trr
53
ns
Qrr
438
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Turn-Off Fall Time
Total Gate Charge
VGS=10V, VDS=37.5V, ID=20A
Gate Source Charge
Gate Drain Charge
IF=20A, dI/dt=500A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=37.5V, RL=1.9Ω,
RGEN=3Ω
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-On DelayTime
Body Diode Reverse Recovery Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C. The value in any given application
depends on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation P
D is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink,
assuming a maximum junction temperature of T
J(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current limited by package is 140A.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0 : Dec. 2012
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com