Electronic Components Datasheet Search
  English  ▼

X  

MTP4835L3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTP4835L3
Description  P-Channel Logic Level Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP4835L3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTP4835L3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP4835L3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP4835L3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP4835L3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP4835L3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP4835L3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP4835L3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP4835L3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C830L3
Issued Date : 2013.02.01
Revised Date :
Page No. : 2/8
MTP4835L3
CYStek Product Specification
Note : *1
. Pulse width limited by maximum junction temperature
*2. Duty cycle ≤ 1%
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
25
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
45 (Note)
°C/W
Note : Surface mounted on a 1 in
2 pad of 2 oz. copper, t≤10s; 110°C/W when mounted on minimum copper pad.
Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-30
-
-
V
VGS=0, ID=-250μA
VGS(th)
-1
-1.5
-2.5
V
VDS =VGS, ID=-250μA
IGSS
-
-
±
100
nA
VGS=±25, VDS=0
-
-
-1
μA
VDS =-24V, VGS =0
IDSS
-
-
-25
μA
VDS =-24V, VGS =0, TJ=125
°C
-
21
28
mΩ
VGS =-10V, ID=-10A
RDS(ON) *1
-
28
35
mΩ
VGS =-5V, ID=-7A
GFS *1
-
14
-
S
VDS =-5V, ID=-10A
Dynamic
Qg(VGS=10V) *1, 2
-
21
-
Qg(VGS=4.5V) *1, 2
-
12.4
-
Qgs *1, 2
-
4.5
-
Qgd *1, 2
-
5.1
-
nC
ID=-10A, VDS=-15V, VGS=-10V
td(ON) *1, 2
-
8
-
tr
*1, 2
-
5
-
td(OFF) *1, 2
-
24
-
tf
*1, 2
-
7
-
ns
VDS=-15V, ID=-1A, VGS=-10V,
RG=2.7Ω
Ciss
-
1665
-
Coss
-
141
-
Crss
-
116
-
pF
VGS=0V, VDS=-15V, f=1MHz
Source-Drain Diode
IS *1
-
-
-3
ISM *3
-
-
-12
A
VSD *1
-
-0.78
-1.2
V
IS=-3A, VGS=0V
trr
-
32
-
ns
Qrr
-
26
-
nC
IF=-3A, dIF/dt=100A/μs
Note : *1.Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
*2.Independent of operating temperature
*3.Pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com