Electronic Components Datasheet Search
  English  ▼

X  

AD816AY Datasheet(PDF) 10 Page - Analog Devices

Part # AD816AY
Description  500 mA Differential Driver and Dual Low Noise VF Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD816AY Datasheet(HTML) 10 Page - Analog Devices

Back Button AD816AY Datasheet HTML 6Page - Analog Devices AD816AY Datasheet HTML 7Page - Analog Devices AD816AY Datasheet HTML 8Page - Analog Devices AD816AY Datasheet HTML 9Page - Analog Devices AD816AY Datasheet HTML 10Page - Analog Devices AD816AY Datasheet HTML 11Page - Analog Devices AD816AY Datasheet HTML 12Page - Analog Devices AD816AY Datasheet HTML 13Page - Analog Devices AD816AY Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
AD816–Typical Receiver Performance Characteristics
AD816
REC A/B
8
0.1 F
10 F
+15V
10 F
7
–15V
RL
50
VIN
PULSE
GENERATOR
TR/TF = 500ps
1k
1k
0.1 F
2.2pF
VOUT
Figure 34. Test Circuit, Gain = +2
Figure 35. Receiver 10 V Step Response, G = +2
Figure 36. Receiver 400 mV Step Response, G = +2
FREQUENCY – MHz
0.1
300
1
10
100
–40
–50
–60
–70
–80
–90
–100
–30
–20
–10
0
0.01
RECEIVER A = INPUT
RECEIVER B = OUTPUT
RECEIVER B : INPUT
RECEIVER A : OUTPUT
VIN = 200mVrms
1k
100
50
OUTPUT
INPUT
1k
REC A
2.2pF
1k
100
50
OUTPUT
INPUT
1k
REC B
2.2pF
Figure 37. Receiver Output-to-Output Crosstalk
vs. Frequency
–10–
AD816
REC A/B
8
0.1 F
10 F
+15V
10 F
7
–15V
RL = 500
50
VIN
PULSE
GENERATOR
TR/TF = 250ps
1k
1k
0.1 F
VOUT
Figure 38. Test Circuit, Gain = –1
5V
50ns
Figure 39. Receiver 10 V Step Response, G = –1
50ns
Figure 40. Receiver 400 mV Step Response, G = –1
FREQUENCY – MHz
0.1
300
1
10
100
–40
–50
–60
–70
–80
–90
–100
–30
–20
–10
0
0.01
DRIVER A: INPUT
RECEIVER B: OUTPUT
VIN = 200mVrms
DRIVER B: INPUT
RECEIVER A: OUTPUT
DRIVER A: INPUT
RECEIVER A: OUTPUT
DRIVER B: INPUT
RECEIVER A: OUTPUT
499
100
50
INPUT
499
DRV A
100
OUTPUT
1k
100
50
OUTPUT
INPUT
1k
2.2pF
REC A
499
100
50
OUTPUT
INPUT
499
DRV B
100
1k
100
50
OUTPUT
INPUT
1k
REC B
2.2pF
Figure 41. Driver-to-Receiver Crosstalk vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com