Electronic Components Datasheet Search
  English  ▼

X  

AD8180 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8180
Description  750 MHz, 3.8 mA 10 ns Switching Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8180 Datasheet(HTML) 4 Page - Analog Devices

  AD8180 Datasheet HTML 1Page - Analog Devices AD8180 Datasheet HTML 2Page - Analog Devices AD8180 Datasheet HTML 3Page - Analog Devices AD8180 Datasheet HTML 4Page - Analog Devices AD8180 Datasheet HTML 5Page - Analog Devices AD8180 Datasheet HTML 6Page - Analog Devices AD8180 Datasheet HTML 7Page - Analog Devices AD8180 Datasheet HTML 8Page - Analog Devices AD8180 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
–4–
REV. B
AD8180/AD8182–Typical Performance Curves
500mV
/DIV
5ns/DIV
Figure 4. Channel Switching Characteristics
DUT OUT
250mV
/DIV
10ns/DIV
Figure 5. Enable and Disable Switching Characteristics
50mV
/DIV
25ns/DIV
Figure 6. Channel Switching Transient (Glitch)
–7
0
–1
–2
–3
–4
–5
–6
VIN = 50mV rms
RL = 5k
RS = 0
1
8180R
8182R
1M
10M
100M
1G
FREQUENCY – Hz
Figure 7. Small Signal Frequency Response
–0.4
1.0
0.8
0.6
0.4
0.2
0.0
–0.2
VIN = 50mV rms
RL = 5k
RS = 0
8180R
8182R
1M
10M
100M
1G
FREQUENCY – Hz
Figure 8. Gain Flatness vs. Frequency
FREQUENCY – Hz
1M
1G
10M
100M
3
0
–27
–3
–6
–9
–12
–15
–18
–21
–24
VIN = 1.0V rms
VIN = 0.5V rms
VIN = 0.25V rms
VIN = 125mV rms
VIN = 62.5mV rms
RL = 1k
Figure 9. Large Signal Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com