Electronic Components Datasheet Search
  English  ▼

X  

AD8174AN Datasheet(PDF) 13 Page - Analog Devices

Part # AD8174AN
Description  250 MHz, 10 ns Switching Multiplexers w/Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8174AN Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8174AN Datasheet HTML 8Page - Analog Devices AD8174AN Datasheet HTML 9Page - Analog Devices AD8174AN Datasheet HTML 10Page - Analog Devices AD8174AN Datasheet HTML 11Page - Analog Devices AD8174AN Datasheet HTML 12Page - Analog Devices AD8174AN Datasheet HTML 13Page - Analog Devices AD8174AN Datasheet HTML 14Page - Analog Devices AD8174AN Datasheet HTML 15Page - Analog Devices AD8174AN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8170/AD8174
–13–
REV. 0
+1
AD8174
+1
+1
+1
2
2
+VS
–VS
GND
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C4
0.1µF
+VS
C3
10µF
VOUT
R11
75
Ω
R10
549
Ω
R9
549
Ω
SD
R8
50
Ω
R7
50
Ω
ENABLE
R5
50
Ω
A0
+
C1
10µF
C2
0.1µF
R4
75
Ω
–VS
IN3
R6
50
Ω
A1
R3
75
Ω
IN2
R2
75
Ω
IN1
IN0
R1
75
Ω
Figure 32. AD8174 Evaluation Board
Figure 33. AD8174 Component Side Silkscreen
Figure 34. AD8174 Board Layout (Component Side)
Figure 35. AD8174 Solder Side Silkscreen
Figure 36. AD8174 Board Layout (Solder Side)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com