Electronic Components Datasheet Search
  English  ▼

X  

AD820AN Datasheet(PDF) 6 Page - Analog Devices

Part # AD820AN
Description  Single Supply, Rail to Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD820AN Datasheet(HTML) 6 Page - Analog Devices

Back Button AD820AN Datasheet HTML 2Page - Analog Devices AD820AN Datasheet HTML 3Page - Analog Devices AD820AN Datasheet HTML 4Page - Analog Devices AD820AN Datasheet HTML 5Page - Analog Devices AD820AN Datasheet HTML 6Page - Analog Devices AD820AN Datasheet HTML 7Page - Analog Devices AD820AN Datasheet HTML 8Page - Analog Devices AD820AN Datasheet HTML 9Page - Analog Devices AD820AN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. B
–6–
AD820–SPECIFICATIONS
NOTES
1This is a functional specification. Amplifier bandwidth decreases when the input common-mode voltage is driven in the range (+ V
S – 1 V) to +VS.
Common-mode error voltage is typically less than 5 mV with the common-mode voltage set at 1 volt below the positive supply.
2V
OL–VEE is defined as the difference between the lowest possible output voltage (V OL) and the minus voltage supply rail (V EE).
VCC–VOH is defined as the difference between the highest possible output voltage (VOH) and the positive supply voltage (VCC).
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
Plastic DIP (N) . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6 Watts
SOIC (R) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0 Watts
Input Voltage . . . . . . . . . . . . . . (+VS + 0.2 V) to – (20 V + VS)
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Storage Temperature Range (N) . . . . . . . . . –65
°C to +125°C
Storage Temperature Range (R) . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD820A/B . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range
(Soldering 60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +260
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
28-Lead Plastic DIP Package:
θ
JA = 90°C/Watt
8-Lead SOIC Package:
θ
JA = 160°C/Watt
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options
AD820AN
–40
°C to +85°C
8-Lead Plastic Mini-DIP
N-8
AD820BN
–40
°C to +85°C
8-Lead Plastic Mini-DIP
N-8
AD820AR
–40
°C to +85°C
8-Lead SOIC
R-8
AD820BR
–40
°C to +85°C
8-Lead SOIC
R-8
AD820AR-3V
–40
°C to +85°C
8-Lead SOIC
R-8
AD820AN-3V
–40
°C to +85°C
8-Lead Plastic Mini-DIP
N-8
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD820 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com