Electronic Components Datasheet Search
  English  ▼

X  

AD823 Datasheet(PDF) 12 Page - Analog Devices

Part # AD823
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD823 Datasheet HTML 8Page - Analog Devices AD823 Datasheet HTML 9Page - Analog Devices AD823 Datasheet HTML 10Page - Analog Devices AD823 Datasheet HTML 11Page - Analog Devices AD823 Datasheet HTML 12Page - Analog Devices AD823 Datasheet HTML 13Page - Analog Devices AD823 Datasheet HTML 14Page - Analog Devices AD823 Datasheet HTML 15Page - Analog Devices AD823 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
–12–
AD823
The first pole in the denominator is the dominant pole of the
amplifier, and occurs at about 18 Hz. This equals the input
stage output impedance R1 multiplied by the Miller-multiplied
value of C1. The second pole occurs at the unity-gain band-
width of the output stage, which is 23 MHz. This type of archi-
tecture allows more open loop gain and output drive to be
obtained than a standard two-stage architecture would allow.
OUTPUT IMPEDANCE
The low frequency open loop output impedance of the
common-emitter output stage used in this design is approxi-
mately 30 k
Ω. While this is significantly higher than a typical
emitter follower output stage, when connected with feedback
the output impedance is reduced by the open loop gain of the
op amp. With 109 dB of open loop gain the output impedance
is reduced to less than 0.2
Ω. At higher frequencies the output
impedance will rise as the open loop gain of the op amp drops;
however, the output also becomes capacitive due to the integra-
tor capacitors C1 and C2. This prevents the output impedance
from ever becoming excessively high (see Figure 17), which can
cause stability problems when driving capacitive loads. In fact,
the AD823 has excellent cap-load drive capability for a high fre-
quency op amp. Figure 33 shows the AD823 connected as a fol-
lower while driving 470 pF direct capacitive load. Under these
conditions the phase margin is approximately 20
°. If greater
phase margin is desired a small resistor can be used in series
with the output to decouple the effect of the load capacitance
from the op amp (see Figure 25). In addition, running the part
at higher gains will also improve the capacitive load drive capa-
bility of the op amp.
VOUT
S1N
C1
S1P
C5
R1
R1
gmVI
gmVI
gm2
C2
R2
Figure 36. Small Signal Schematic
APPLICATION NOTES
INPUT CHARACTERISTICS
In the AD823, n-channel JFETs are used to provide a low
offset, low noise, high impedance input stage. Minimum input
common-mode voltage extends from 0.2 V below –VS to 1 V
less than +VS. Driving the input voltage closer to the positive
rail will cause a loss of amplifier bandwidth and increased
common-mode voltage error.
The AD823 does not exhibit phase reversal for input voltages
up to and including +VS. Figure 37a shows the response of an
AD823 voltage follower to a 0 V to +5 V (+VS) square wave
input. The input and output are superimposed. The output
polarity tracks the input polarity up to +VS—no phase reversal.
The reduced bandwidth above a 4 V input causes the rounding
of the output wave form. For input voltages greater than +VS, a
resistor in series with the AD823’s plus input will prevent phase
reversal, at the expense of greater input voltage noise. This is il-
lustrated in Figure 37b.
GND
10
90
100
0%
1V
2
µs
1V
a. Response with RP = 0; VIN from 0 to VS
+V
S
GND
10
90
100
0%
1V
1V
10µs
1V
+5V
V
IN
R
P
V
OUT
AD823
b. VIN = 0 to +VS + 200 mV; VOUT = 0 to +VS; RP = 49.9 kΩ
Figure 37. AD823 Input Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com