Electronic Components Datasheet Search
  English  ▼

X  

AD824 Datasheet(PDF) 5 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 5 Page - Analog Devices

  AD824 Datasheet HTML 1Page - Analog Devices AD824 Datasheet HTML 2Page - Analog Devices AD824 Datasheet HTML 3Page - Analog Devices AD824 Datasheet HTML 4Page - Analog Devices AD824 Datasheet HTML 5Page - Analog Devices AD824 Datasheet HTML 6Page - Analog Devices AD824 Datasheet HTML 7Page - Analog Devices AD824 Datasheet HTML 8Page - Analog Devices AD824 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD824
REV. A
–5–
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Limit
Units
Offset Voltage
VOS
1.0
mV max
Input Bias Current
IB
12
pA max
Input Offset Current
IOS
20
pA
Input Voltage Range
VCM
–0.2 to 3.0
V min
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2 V
66
dB min
Power Supply Rejection Ratio
PSRR
V = + 2.7 V to +12 V
70
µV/V
Large Signal Voltage Gain
AVO
RL = 2 k
Ω
15
V/mV min
Output Voltage High
VOH
ISOURCE = 20
µA
4.975
V min
Output Voltage Low
VOL
ISINK = 20 µA
25
mV max
Supply Current/Amplifier
ISY
VO = 0 V, RL =
∞
600
µA max
NOTE
Electrical tests and wafer probe to the limits shown. Due to variations in assembly
methods and normal yield loss, yield after packaging is not guaranteed for
standard product dice. Consult factory to negotiate specifications based on dice
lot qualifications through sample lot assembly and testing.
(@ VS = +5.0 V, VCM = 0 V, TA = +25 C unless otherwise noted)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD824 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . –VS – 0.2 V to +VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Output Short Circuit Duration to GND . . . . . . . . . Indefinite
Storage Temperature Range
N, R Package . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
AD824A, B . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
N, R Package . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300
°C
Package Type
θ
JA
2
θ
JC
Units
14-Pin Plastic DIP (N)
76
33
°C/W
14-Pin SOIC (R)
120
36
°C/W
16-Pin SOIC (R)
92
27
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts unless
otherwise noted.
2
θ
JA is specified for the worst case conditions, i.e., θJA is specified for device in socket
for P-DIP packages;
θ
JA is specified for device soldered in circuit board for SOIC
package.
ORDERING GUIDE
Temperature
Model
Range
Package Option
AD824AN
–40
°C to +85°C
14-Pin Plastic DIP
AD824BN
–40
°C to +85°C
14-Pin Plastic DIP
AD824AR
–40
°C to +85°C
14-Pin SOIC
AD824AR-3V
–40
°C to +85°C
14-Pin SOIC
AD824AN-3V
–40
°C to +85°C
14-Pin Plastic DIP
AD824AR-14
–40
°C to +85°C
14-Pin SOIC
AD824AR-14-3V
–40
°C to +85°C
14-Pin SOIC
AD824AR-16
–40
°C to +85°C
16-Pin SOIC
AD824AChips
+25
°C
DICE
DICE CHARACTERISTICS
AD824 Die Size 0.70 X 0.130 inch, 9,100 sq. mils.
Substrate (Die Backside) Is Connected to V+. Transistor
Count, 143.
I6
R1
R2
R9
R7
R17
R14
R12
R13
R15
VCC
I5
Q18
Q29
Q27
Q21
Q20
Q23
Q25
Q24
Q31
Q28
Q22
Q19
Q7
Q6
Q5
Q8
Q3
Q2
Q4
I1
I2
I3
I4
+IN
J1
–IN
C1
Q26
VOUT
J2
VEE
C3
C2
C4
Figure 1. Simplified Schematic of 1/4 AD824



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com