Electronic Components Datasheet Search
  English  ▼

X  

AD824AR Datasheet(PDF) 15 Page - Analog Devices

Part # AD824AR
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824AR Datasheet(HTML) 15 Page - Analog Devices

Back Button AD824AR Datasheet HTML 8Page - Analog Devices AD824AR Datasheet HTML 9Page - Analog Devices AD824AR Datasheet HTML 10Page - Analog Devices AD824AR Datasheet HTML 11Page - Analog Devices AD824AR Datasheet HTML 12Page - Analog Devices AD824AR Datasheet HTML 13Page - Analog Devices AD824AR Datasheet HTML 14Page - Analog Devices AD824AR Datasheet HTML 15Page - Analog Devices AD824AR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD824
REV. A
–15–
FSY1
99
0
VP 1
FSY2
0
50
VN 1
DC1
25
99
DX
DC2
50
25
DX
*
* MODELS USED
*
.MODEL JX NJF(BETA=3.2526E-3 VTO=-2.000 IS=2E-12) .MODEL
NPN NPN(BF=120 VAF=150 VAR=15 RB=2E3
+ RE=4 RC=550 IS=1E-16)
.MODEL PNP PNP(BF=120 VAF=150 VAR=15 RB=2E3 + RE=4
RC=750 IS=1E-16)
.MODEL DX D(IS=1E-15)
.MODEL DY D()
.MODEL DQ D(IS=1E-16)
.ENDS AD824
*
AD824 SPICE Macro-model
9/94, Rev. A *
ARG/ADI
*
* Copyright 1994 by Analog Devices, Inc.
*
* Refer to “README.DOC” file for License Statement.
Use of this model indicates your acceptance with
the terms and provisions in the License Statement. *
* Node assignments
*
noninverting input
*
| inverting input
*
| | positive supply
*
| | | negative supply
*
| | | | output
*
| | | | |
.SUBCKT AD824
1 2 99 50 25
*
* INPUT STAGE & POLE AT 3.1 MHz
*
R3
5
99
1.193E3
R4
6
99
1.193E3
CIN
1
2
4E-12
C2
5
6
19.229E-12
I1
4
50
108E-6
IOS
1
2
1E-12
EOS
7
1
POLY(1) (12,98) 100E-6 1
J1
425
JX
J2
476
JX
*
* GAIN STAGE & DOMINANT POLE
*
EREF
98
0
(30,0) 1
R5
9
98
2.205E6
C3
9
25
54E-12
G1
98
9
(6,5) 0.838E-3
V1
8
98
-1
V2
98
10
-1
D1
9
10
DX
D2
89DX
*
* COMMON-MODE GAIN NETWORK WITH ZERO AT 1 kHz *
R21
11
12
1E6
R22
12
98
100
C14
11
12
159E-12
E13
11
98
POLY(2) (2,98) (1,98) 0 0.5 0.5
*
* POLE AT 10 MHz
*
R23
18
98
1E6
C15
18
98
15.9E-15
G15
98
18
(9,98) 1E-6
*
* OUTPUT STAGE
*
ES
26
98
(18,98) 1
RS
26
22
500
IB1
98
21
2.404E-3
IB2
23
98
2.404E-3
D10
21
98
DY
D11
98
23
DY
C16
20
25
2E-12
C17
24
25
2E-12
DQ1
97
20
DQ
Q2
20
21
22 NPN
Q3
24
23
22 PNP
DQ2
24
51
DQ
Q5
25
20
97 PNP 20
Q6
25
24
51 NPN 20
VP
96
97
0
VN
51
52
0
EP
96
0
(99,0) 1
EN
52
0
(50,0) 1
R25
30
99
5E6
R26
30
50
5E6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com