Electronic Components Datasheet Search
  English  ▼

X  

AD822ACHIPS Datasheet(PDF) 14 Page - Analog Devices

Part # AD822ACHIPS
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822ACHIPS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD822ACHIPS Datasheet HTML 8Page - Analog Devices AD822ACHIPS Datasheet HTML 9Page - Analog Devices AD822ACHIPS Datasheet HTML 10Page - Analog Devices AD822ACHIPS Datasheet HTML 11Page - Analog Devices AD822ACHIPS Datasheet HTML 12Page - Analog Devices AD822ACHIPS Datasheet HTML 13Page - Analog Devices AD822ACHIPS Datasheet HTML 14Page - Analog Devices AD822ACHIPS Datasheet HTML 15Page - Analog Devices AD822ACHIPS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
–14–
AD822
REV. A
The AD822 is designed for 13 nV/
√Hz wideband input voltage
noise and maintains low noise performance to low frequencies
(refer to Figure 11). This noise performance, along with the
AD822’s low input current and current noise means that the
AD822 contributes negligible noise for applications with source
resistances greater than 10 k
Ω and signal bandwidths greater
than 1 kHz. This is illustrated in Figure 40.
100k
0.1
10G
100
1
100k
10
10k
10k
1k
1G
100M
10M
1M
SOURCE IMPEDANCE –
Ω
WHENEVER JOHNSON NOISE IS GREATER THAN
AMPLIFIER NOISE, AMPLIFIER NOISE CAN BE
CONSIDERED NEGLIGIBLE FOR APPLICATION.
RESISTOR JOHNSON
NOISE
AMPLIFIER GENERATED
NOISE
1kHz
10Hz
Figure 40. Total Noise vs. Source Impedance
OUTPUT CHARACTERISTICS
The AD822 s unique bipolar rail-to-rail output stage swings
within 5 mV of the minus supply and 10 mV of the positive
supply with no external resistive load. The AD822’s
approximate output saturation resistance is 40
Ω sourcing and
20
Ω sinking. This can be used to estimate output saturation
voltage when driving heavier current loads. For instance, when
sourcing 5 mA, the saturation voltage to the positive supply rail
will be 200 mV, when sinking 5 mA, the saturation voltage to
the minus rail will be 100 mV.
The amplifier’s open-loop gain characteristic will change as a
function of resistive load, as shown in Figures 7 through 10. For
load resistances over 20 k
Ω, the AD822’s input error voltage is
virtually unchanged until the output voltage is driven to 180 mV
of either supply.
If the AD822’s output is overdriven so as to saturate either of
the output devices, the amplifier will recover within 2
µs of its
input returning to the amplifier’s linear operating region.
Direct capacitive loads will interact with the amplifier’s effective
output impedance to form an additional pole in the amplifier’s
feedback loop, which can cause excessive peaking on the pulse
response or loss of stability. Worst case is when the amplifier is
used as a unity gain follower. Figure 41 shows the AD822’s
pulse response as a unity gain follower driving 350 pF. This
amount of overshoot indicates approximately 20 degrees of
phase margin—the system is stable, but is nearing the edge.
Configurations with less loop gain, and as a result less loop
bandwidth, will be much less sensitive to capacitance load
effects. Figure 42 is a plot of capacitive load that will result in a
20 degree phase margin versus noise gain for the AD822. Noise
gain is the inverse of the feedback attenuation factor provided
by the feedback network in use.
10
0%
20mV
2
µ s
90
100
Figure 41. Small Signal Response of AD822 as Unity Gain
Follower Driving 350 pF Capacitive Load
5
1
300
30k
4
2
1k
3
3k
10k
CAPACITIVE LOAD FOR 20
° PHASE MARGIN – pF
R
F
R
I
C
L
Figure 42. Capacitive Load Tolerance vs. Noise Gain
Figure 43 shows a method for extending capacitance load drive
capability for a unity gain follower. With these component
values, the circuit will drive 5,000 pF with a 10% overshoot.
8
4
0.01
µF
20pF
20k
Ω
100
Ω
V
OUT
V
IN
+V
S
–V
S
0.01
µF
C
L
1/2
AD822
Figure 43. Extending Unity Gain Follower Capacitive Load
Capability Beyond 350 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com