Electronic Components Datasheet Search
  English  ▼

X  

AD829 Datasheet(PDF) 5 Page - Analog Devices

Part # AD829
Description  High-Speed, Low-Noise Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829 Datasheet(HTML) 5 Page - Analog Devices

  AD829 Datasheet HTML 1Page - Analog Devices AD829 Datasheet HTML 2Page - Analog Devices AD829 Datasheet HTML 3Page - Analog Devices AD829 Datasheet HTML 4Page - Analog Devices AD829 Datasheet HTML 5Page - Analog Devices AD829 Datasheet HTML 6Page - Analog Devices AD829 Datasheet HTML 7Page - Analog Devices AD829 Datasheet HTML 8Page - Analog Devices AD829 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD829
REV. E
–5–
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
100M
+100
+80
+60
+40
–20
0
FREQUENCY – Hz
+20
GAIN
15V
Supplies
1k
Load
GAIN
5V
Supplies
500
Load
PHASE
CCOMP = 0pF
Figure 10. Open-Loop Gain & Phase
Margin vs. Frequency
120
100
80
60
40
1k
10k
100k
1M
10M
100M
FREQUENCY – Hz
20
CCOMP = 0pF
Figure 13. Common-Mode Rejection
Ratio vs. Frequency
100
300
1k
3k
10k
30k
100k
–110
FREQUENCY – Hz
–105
–100
–95
–90
–85
–80
–75
–70
RL = 500
RL = 2k
VIN = 3V RMS
AV = –1
CCOMP = 30pF
CLOAD = 100pF
Figure 16. Total Harmonic Dis-
tortion (THD) vs. Frequency
105
100
95
90
85
80
75
10
100
1k
10k
LOAD RESISTANCE –
VS = 5V
VS = 15V
Figure 11. Open-Loop Gain vs.
Resistive Load
30
25
20
15
10
5
0
10
100
INPUT FREQUENCY – MHz
1
VS = ±15V
RL = 1k
AV = +20
CCOMP = 0pF
VS = ±5V
RL = 500
AV = +20
CCOMP = 0pF
Figure 14. Large Signal Frequency
Response
2nd HARMONIC
–20
–30
–40
–50
–60
–70
VIN = 2.24V RMS
AV = –1
RL = 250
CLOAD = 0
CCOMP = 30pF
0
500k
1M
1.5M
2M
FREQUENCY – Hz
3rd HARMONIC
Figure 17. 2nd & 3rd Harmonic
Distortion vs. Frequency
120
100
80
60
40
1k
10k
100k
1M
10M
100M
FREQUENCY – Hz
20
SUPPLY
+
SUPPLY
–
CCOMP = 0pF
Figure 12. Power Supply Rejection
Ratio (PSRR) vs. Frequency
10
8
6
4
2
0
0
2040
6080
100 120
160
1%
1%
140
2
–
4
–
6
–
8
–
0.1%
ERROR
AV = –19
CCOMP = 0pF
–10
SETTLING TIME – ns
0.1%
Figure 15. Output Swing & Error vs.
Settling Time
5
4
3
2
1
0
10
100
1k
10k
100k
FREQUENCY – Hz
1M
10M
Figure 18. Input Voltage Noise
Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com