Electronic Components Datasheet Search
  English  ▼

X  

AD8302 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8302
Description  LF.2.7 GHz RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8302 Datasheet HTML 16Page - Analog Devices AD8302 Datasheet HTML 17Page - Analog Devices AD8302 Datasheet HTML 18Page - Analog Devices AD8302 Datasheet HTML 19Page - Analog Devices AD8302 Datasheet HTML 20Page - Analog Devices AD8302 Datasheet HTML 21Page - Analog Devices AD8302 Datasheet HTML 22Page - Analog Devices AD8302 Datasheet HTML 23Page - Analog Devices AD8302 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
REV. 0
AD8302
–20–
The measurement accuracy can be compromised if board
level details are not addressed. Minimize the physical distance
between the series connected couplers since the extra path
length adds phase error to . Keep the paths from the couplers
to the AD8302 as well matched as possible since any differences
introduce measurement errors. The finite directivity, D, of the
couplers sets the minimum detectable reflection coefficient, i.e.,
|GMIN(dB)|<|D(dB)|.
SOURCE
1dB
C1
C4
C6
C5
VP
C7
R4
R1
R2
20dB
INCIDENT
WAVE
REFLECTED
WAVE
ZLOAD
R5
R6
1
COMM
MFLT 14
INPA
VMAG
213
OFSA
MSET
312
VPOS
VREF
411
OFSB
PSET
510
INPB
VPHS
69
COMM
PFLT
78
AD8302
C2
C8
C3
Figure 13. Using the AD8302 to Measure the Vector
Reflection Coefficient Off an Arbitrary Load
Reflectometer
The AD8302 can be configured to measure the magnitude ratio
and phase difference of signals that are incident on and reflected
from a load. The vector reflection coefficient,
is defined as,
= Reflected Voltage/Incident Voltage = (ZL – ZO)/(ZL + ZO), (16)
where ZL is the complex load impedance and ZO is the charac-
teristic system impedance.
The measured reflection coefficient can be used to calculate the
level of impedance mismatch or standing wave ratio (SWR) of a
particular load condition. This proves particularly useful in diag-
nosing varying load impedances such as antennas that can degrade
performance and even cause physical damage. The vector
reflectometer arrangement given in Figure 13 consists of a pair
of directional couplers that sample the incident and reflected sig-
nals. The attenuators reposition the two signal levels within the
dynamic range of the AD8302. In analogy to Equations 14 and
15, the attenuation factors and coupling coefficients are given by,
CB + LB = PIN – POPT
(17)
CA + LA = PIN + NOM – POPT
(18)
where NOM is the nominal reflection coefficient in dB and is
negative for passive loads. Consider the case where the incident
signal is 10 dBm and the nominal reflection coefficient is –19 dB.
As shown in Figure 13, using 20 dB couplers on both sides and
–30 dBm for POPT, the attenuators for Channel A and B paths are
1 dB and 20 dB, respectively. The magnitude and phase of the
reflection coefficient are available at the VMAG and VPHS pins
scaled to 30 mV/dB and 10 mV/degree. When
is –19 dB, the
VMAG output is 900 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com