Electronic Components Datasheet Search
  English  ▼

X  

CX20707 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # CX20707
Description  Flexible power management
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20707 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  CX20707 Datasheet HTML 1Page - Synaptics Incorporated. CX20707 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Audio
Speakers-on-a-Chip
Conexant’s portfolio includes a comprehensive suite of semiconductor
solutions for communications and consumer applications.
The CX20707 is one of Conexant’s Speakers-on-a-Chip (SPoC) embedded audio
solutions designed for voice communication applications, such as Two-way
Intercoms, Security Intercoms, and Doorphone Systems. The device features a
proprietary on-chip Digital Signal Processor (DSP), Codec, Mono Class-D Driver,
I2S and I2C interfaces, high performance 24-bit DAC’s and ADC’s, a range of
digital and analog input/output channel selections for flexible routing and mixing,
and a mono capless headphone driver in a cost-effective single-chip package.
The DSP runs a suite of turnkey audio and voice enhancement algorithms that
dramatically improve sound quality. This product is part of the CX2070x SPoC family,
which includes CX20702, CX20703, CX20704, CX20705, CX20706 and CX20709.
The device features multiple high performance 24-bit DACs for mono speaker
output, multiple 24-bit high performance ADCs supporting mono microphone
and mono line input, mono capless headphone output or mono single-ended/
differential line output, support for bi-directional 12S, PCM, S/PDIF-out with
independent sampling rates, and a range of digital and analog input/output
channel selections for flexible routing and mixing. Different audio sampling
rates ranging from 8 kHz to 96 kHz are generated directly from the master clock
without the need for external PLL. The mono Class-D amplifier drives a maximum
of 2.5 W (average) from the integrated amplifier. The device can be controlled
and configured by both read and write capability through I2C and Serial Peripheral
Interface (SPI), or UART.
The on-chip DSP runs a suite of innovative Conexant proprietary voice processing
algorithms and audio post processing effects that that delivers a clear, rich and
full sound experience to the end user and frees-up processing power for other
applications without compromising on cost and future firmware scalability. Key
audio innovations include Subband Acoustic Echo Suppression and Cancellation,
Noise Reduction, Subband Line Echo Cancellation, Equalizer, Dynamic Range
Compression, and Mic Auto Gain Control. The embedded SPoC Configuration
Toolbox allows for fast configuration and performance optimization.
The CX20707 turnkey solution eliminates the need for a multiple-chip reference
design, making it easy and economical for manufacturers to design products for
high quality intercom applications. A complete evaluation kit with reference board
and all the necessary technical documents and software is available.
The SoC is packaged in an environmentally-friendly, RoHS/Green-compliant 76-pin
QFN (Quad Flat No leads) package.
Applications
•Two-wayIntercom
•SecurityIntercom
•DoorphoneSystems
Distinguishing Features
• 24-bit DAC/ADC, SNR 102 dB, THD - 92 dB at
48 kHz 3.3 V
• Programmable on-chip proprietary DSP
– Subband acoustic echo suppression and
cancellation
– Noise reduction for inbound speech (far end)
and outbound speech (near end)
– Subband line echo canceller
– Dynamic loudness adaptor
– Mic auto gain control
– Digital equalizer (10 bands/channel)
– Dynamic range compression
• One 2-wire I2C or 4-wire SPI slave, or UART
interface for external MCU
• 2.5 W BTL mono Class-D speaker amplifier
• Mono microphone interfaces with on-chip bias
supply
• Flexible power management
• Audio sample rate: 8, 11.025, 12, 16, 22.05, 24, 32,
44.1, 48, 64, 88.2, 96 kHz
Part Number CX20707
Description
Speakers-on-a-Chip with On-chip
Voice/Audio DSP, Integrated I2S/ I2C
Codec, and Mono Class-D Amplifier
Speakers-on-a-Chip with On-chip Voice/Audio DSP, Integrated
I2S/I2C Codec, and Mono Class-D Amplifier
CX20707


Similar Part No. - CX20707

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20701 CONEXANT-CX20701 Datasheet
121Kb / 2P
Eight GPIO pins
CX20702 CONEXANT-CX20702 Datasheet
633Kb / 1P
Simplified cabling for ease of use
CX20703 CONEXANT-CX20703 Datasheet
260Kb / 2P
Flexible power management
CX20704 CONEXANT-CX20704 Datasheet
647Kb / 2P
Flexible power management
CX20705 CONEXANT-CX20705 Datasheet
643Kb / 2P
USB 2.0 Compliant Audio Class Interface
More results

Similar Description - CX20707

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX20703 CONEXANT-CX20703 Datasheet
260Kb / 2P
Flexible power management
CX20704 CONEXANT-CX20704 Datasheet
647Kb / 2P
Flexible power management
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
AS3676 AMSCO-AS3676 Datasheet
4Mb / 92P
Flexible Lighting Management
AS3687 AMSCO-AS3687 Datasheet
2Mb / 55P
Flexible Lighting Management
logo
Unisonic Technologies
IMZ2A UTC-IMZ2A_15 Datasheet
110Kb / 3P
POWER MANAGEMENT
logo
Exar Corporation
XR76205EL-Q EXAR-XR76205EL-Q Datasheet
1Mb / 25P
Power Management
logo
Guangdong Kexin Industr...
FMY4A KEXIN-FMY4A Datasheet
210Kb / 4P
Power Management
logo
Tiger Electronic Co.,Lt...
EMC5 TGS-EMC5 Datasheet
106Kb / 3P
Power management
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
Flexible Power Management Unit
V 2.8 2022-07-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com