Electronic Components Datasheet Search
  English  ▼

X  

CX20741 Datasheet(PDF) 2 Page - Synaptics Incorporated.

Part # CX20741
Description  Dedicated Line Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX20741 Datasheet(HTML) 2 Page - Synaptics Incorporated.

  CX20741 Datasheet HTML 1Page - Synaptics Incorporated. CX20741 Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Minimum Nominal Maximum
Unit
Comments
Microphone/Line In
Gain
0
40
dB
In steps of 10 dB
Full scale input signal
1
Vrms
ac-coupled
Dynamic Range(1)
87
dBFS
A-weighted, 20 to 20 kHz
THD+N at -3 dB FS
-80
dBFS
20 to 20 kHz
Input resistance
5
15
kΩ
15 kΩ with 0 dB gain, 5 kΩ otherwise
Class-D
Power
2 W
5 V mode:
Up to 2 W/ch 4 Ω when headphone is not in use
Up to 1.5 W/ch 4 Ω when headphone is in use
3 V mode:
Up to 1 W/ch 4 Ω
Output load
4
Ω
Dynamic Range
75
85
90
dBFS
A-weighted, 20 to 20kHz
THD+N at -3 dB FS
-65
dBFS
20 to 20 kHz into 4 Ω
Line Output
Full scale output signal
1
Vrms
AC-coupled
Output load
10
kΩ
Dynamic Range
98
dBFS
A-weighted, 20 to 20 kHz
THD+N at -3 dB FS
-85
dBFS
20 to 20 kHz into 10 kΩ load
Crosstalk
-70
dB
Headphone Output
Full scale output signal
1.0
Vrms
Output offset
-8
0
8
mV
Reduces to + 250
μV with offset cancellation
Output load
16
32
Ω
Can drive -3 dBFS into 16 Ω without clipping.
Dynamic Range
95
dBFS
A-weighted, 20 to 20 kHz
THD+N at -3 dB FS
-85
dBFS
20 to 20 kHz into 10 kΩ load
Crosstalk
-70
dB
Model Number
Package
Description
CX20745-11Z*
48-Pin QFN
Industrial Temperature Range, –40 oC to +85 oC
CX20741-11Z*
48-Pin QFN
Commercial Temperature Range, 0 oC to +70 oC
*Lead-free (Pb Free) and RoHS compliant
© 2012 Conexant Systems, Inc. All Rights Reserved. Conexant and the
Conexant logo are registered trademarks of Conexant Systems, Inc. All other
trademarks are owned by their respective owners. Although Conexant strives
for accuracy in all its publications, this material may contain errors or
omissions and is subject to change without notice. THIS MATERIAL IS
PROVIDED AS IS AND WITHOUT ANY EXPRESS OR IMPLIED
WARRANTIES, INCLUDING MERCHANT ABILITY, FITNESS FOR A
PAPARTICULAR PURPOSE AND NON-INFRINGEMENT. Conexant shall
not be liable for any special, indirect, incidental or consequential damages as
a result of its use.
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-203101
Analog Performance Characteristics
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com