Electronic Components Datasheet Search
  English  ▼

X  

AD8306AR Datasheet(PDF) 4 Page - Analog Devices

Part # AD8306AR
Description  5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8306AR Datasheet(HTML) 4 Page - Analog Devices

  AD8306AR Datasheet HTML 1Page - Analog Devices AD8306AR Datasheet HTML 2Page - Analog Devices AD8306AR Datasheet HTML 3Page - Analog Devices AD8306AR Datasheet HTML 4Page - Analog Devices AD8306AR Datasheet HTML 5Page - Analog Devices AD8306AR Datasheet HTML 6Page - Analog Devices AD8306AR Datasheet HTML 7Page - Analog Devices AD8306AR Datasheet HTML 8Page - Analog Devices AD8306AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
AD8306
–4–
ENABLE VOLTAGE – V
100
0.5
10
1
0.1
0.01
0.001
0.0001
0.00001
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
TA = +25 C
TA = +85 C
TA = –40 C
Figure 1. Supply Current vs. Enable Voltage @
TA = –40°C, +25°C and +85°C
RLIM –
14
0
12
10
8
6
4
2
0
50
100
150
200
250
300
350
400
450
ADDITIONAL SUPPLY CURRENT
LIMITER OUTPUT
CURRENT
Figure 2. Additional Supply Current and Limiter Output
Current vs. RLIM
500mV PER
VERTICAL
DIVISION
2V PER
VERTICAL
DIVISION
VLOG
GROUND REFERENCE
INPUT
100ns PER HORIZONTAL DIVISION
Figure 3. Large Signal RSSI Pulse Response with
CL = 100 pF and RL = 50 Ω and 75 Ω (Curves Overlap)
–Typical Performance Characteristics
500mV PER
VERTICAL
DIVISION
GROUND REFERENCE
INPUT
1V PER
VERTICAL
DIVISION
100ns PER HORIZONTAL DIVISION
INPUT LEVEL
SHOWN IS –3dBV
VLOG
Figure 4. RSSI Pulse Response for Inputs Stepped from
Zero to –83 dBV, –63 dBV, –43 dBV, –23 dBV, –3 dBV
500mV PER
VERTICAL
DIVISION
100ns PER HORIZONTAL DIVISION
INPUT
2V PER
VERTICAL
DIVISION
GROUND REFERENCE
VLOG
Figure 5. Large Signal RSSI Pulse Response with RL = 100 Ω
and CL = 33 pF, 100 pF and 330 pF (Overlapping Curves)
200mV PER
VERTICAL
DIVISION
GROUND REFERENCE
100 s PER HORIZONTAL DIVISION
270pF
27pF
3300pF
VLOG
Figure 6. Small Signal AC Response of RSSI Output with
External Filter Capacitance of 27 pF, 270 pF and 3300 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com