Electronic Components Datasheet Search
  English  ▼

X  

AD8313ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD8313ARM
Description  0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8313ARM Datasheet HTML 2Page - Analog Devices AD8313ARM Datasheet HTML 3Page - Analog Devices AD8313ARM Datasheet HTML 4Page - Analog Devices AD8313ARM Datasheet HTML 5Page - Analog Devices AD8313ARM Datasheet HTML 6Page - Analog Devices AD8313ARM Datasheet HTML 7Page - Analog Devices AD8313ARM Datasheet HTML 8Page - Analog Devices AD8313ARM Datasheet HTML 9Page - Analog Devices AD8313ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8313
–6–
REV. B
FREQUENCY – MHz
22
21
16
0
2500
500
1000
1500
2000
20
19
18
17
VPS = +5V
INPUT MATCH SHOWN IN FIGURE 27
–40 C
+25 C
+85 C
Figure 8. VOUT Slope vs. Frequency; –40°C, +25°C and
+85
°C
SUPPLY VOLTAGE – V
24
2.5
23
22
21
20
19
18
17
16
15
14
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.9GHz
2.5GHz
900MHz
100MHz
SPECIFIED OPERATING RANGE
Figure 9. VOUT Slope vs. Supply Voltage
FREQUENCY – Hz
100
1k
10k
100k
1M
REF LEVEL = 92dB
SCALE: 10dB/DIV
Figure 10. AC Response from VSET to VOUT
FREQUENCY – MHz
–110
0
2500
500
1000
1500
2000
–70
–80
–90
–100
+85 C
–40 C
+25 C
VPS = +5V
INPUT MATCH SHOWN IN FIGURE 27
Figure 11. VOUT Intercept vs. Frequency; –40°C, +25°C and
+85
°C
SUPPLY VOLTAGE – V
–70
2.5
–75
–80
–85
–90
–95
–100
–105
–110
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.9GHz
2.5GHz
900MHz
100MHz
SPECIFIED OPERATING RANGE
Figure 12. VOUT Intercept vs. Supply Voltage
FREQUENCY – Hz
100
10
0.1
1
1k
10k
100k
1M
10M
2GHz RF INPUT
VS = +5.5V
INPUT MATCH SHOWN
IN FIGURE 27
RF INPUT
–70dBm
–60dBm
–55dBm
–50dBm
–45dBm
–40dBm
–35dBm
–30dBm
Figure 13. VOUT Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com