Electronic Components Datasheet Search
  English  ▼

X  

AD8320 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8320
Description  Serial Digital Controlled Variable Gain Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8320 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8320 Datasheet HTML 4Page - Analog Devices AD8320 Datasheet HTML 5Page - Analog Devices AD8320 Datasheet HTML 6Page - Analog Devices AD8320 Datasheet HTML 7Page - Analog Devices AD8320 Datasheet HTML 8Page - Analog Devices AD8320 Datasheet HTML 9Page - Analog Devices AD8320 Datasheet HTML 10Page - Analog Devices AD8320 Datasheet HTML 11Page - Analog Devices AD8320 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8320
–8–
REV. 0
5V
VCC = 12V
MAX GAIN
VIN = 0V p-p
5V
75nsec
PD
VOUT
100mV
Figure 31. Power-Up/Power-Down
Glitch
5V
1V
VCC = 12V
F = 40MHz
MAX GAIN
20nsec
VOUT
2.50V
VIN
Figure 34. Overload Recovery
FREQUENCY – Hz
80
100k
1G
1M
10M
100M
60
50
VCC = 5V
RT = 115
70
40
Figure 37. Input Impedance vs.
Frequency
5V
500mV
VCC = 5V
F = 40MHz
MAX GAIN
20nsec
VOUT
1.25V
VIN
Figure 33. Overload Recovery
5V
VCC = 12V, F = 40MHz
MIN TO MAX GAIN
VIN = .310V p-p
20nsec
VOUT
2.50V
DATEN
Figure 36. Output Settling Time Due
to Gain Change
TEMPERATURE – C
120
0
–50
–25
100
80
60
40
20
VCC = 12V, PD = 0
VCC = 12V, PD = 1
VCC = 5V, PD = 0
VCC = 5V, PD = 1
0
25
50
75
100
Figure 39. Supply Current vs.
Temperature
5V
VCC = 12V
MAX GAIN
VIN = 0V p-p
5V
250nsec
DATEN
VOUT
5mV
CLK
Figure 32. Clock Feedthrough
VCC = 12V, F = 40MHz
MAX GAIN
250mV
20nsec
VOUT
2.00V
VIN
Figure 35. Output Settling Time Due
to Input Change
FREQUENCY – Hz
80
100k
1M
10M
100M
60
50
70
90
VCC = 12V, PD = 0
VCC = 12V, PD = 1
VCC = 5V, PD = 0
VCC = 5V, PD = 1
Figure 38. Output Impedance vs.
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com