Electronic Components Datasheet Search
  English  ▼

X  

AD8320-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD8320-EB
Description  Serial Digital Controlled Variable Gain Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8320-EB Datasheet(HTML) 5 Page - Analog Devices

  AD8320-EB Datasheet HTML 1Page - Analog Devices AD8320-EB Datasheet HTML 2Page - Analog Devices AD8320-EB Datasheet HTML 3Page - Analog Devices AD8320-EB Datasheet HTML 4Page - Analog Devices AD8320-EB Datasheet HTML 5Page - Analog Devices AD8320-EB Datasheet HTML 6Page - Analog Devices AD8320-EB Datasheet HTML 7Page - Analog Devices AD8320-EB Datasheet HTML 8Page - Analog Devices AD8320-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Typical Performance Characteristics–AD8320
–5–
REV. 0
GAIN CONTROL – Decimal
0
0.3
0.1
0.2
0
0.1
0.2
0.3
VCC = 12V
F = 10MHz
T = +85 C
T = +25 C
T =
40 C
64
128
192
256
Figure 4. Gain Error vs. Gain Control
at Various Temperatures
FREQUENCY – Hz
30
20
100k
1G
1M
10M
100M
10
0
10
VCC = 5V
20
01D
00D
85D
170D
255D
Figure 7. AC Response
GAIN CONTROL – Decimal
80
064
128
192
256
75
70
65
60
55
50
45
40
+85 C
40 C
+25 C
F = 10MHz
VCC = 12V
Figure 10. Output Referred Noise vs.
Gain Control at Various Temperatures
GAIN CONTROL – Decimal
0.45
0
0
0.30
0.15
0.45
64
128
192
256
0.15
F = 10MHz
T = +25 C
VCC = 5V
VCC = 12V
0.30
Figure 6. Gain Error vs. Gain Control
at Different Supply Voltages
FREQUENCY – Hz
20
100k
1G
1M
10M
100M
90
VCC = 12V, PIN = 8dBm
VCC = 5V, PIN = 14dBm
MAX GAIN
PD = 0V
30
40
50
60
70
80
100
Figure 9. Input Signal Feedthrough
vs. Frequency
FREQUENCY – Hz
30
100k
1M
10M
100M
40
MAX GAIN, VCC = 5V
50
MAX GAIN, VCC = 12V
MIN GAIN, VCC = 12V
MIN GAIN, VCC = 5V
60
70
80
90
Figure 12. Output Referred Noise vs.
Frequency
GAIN CONTROL – Decimal
0.6
0.3
0
0.9
0.6
1.2
64
128
192
256
10MHz
42MHz
65MHz
0
0.3
VCC = 12V
T = +25 C
Figure 5. Gain Error vs. Gain Control
at Various Frequencies
FREQUENCY – Hz
30
20
100k
1G
1M
10M
100M
10
0
10
VCC = 12V
20
01D
00D
85D
170D
255D
Figure 8. AC Response
GAIN CONTROL – Decimal
80
064
128
192
256
F = 10MHz
75
70
65
60
55
50
45
40
VCC = 5V
VCC = 12V
Figure 11. Output Referred Noise vs.
Gain Control at Different Supply
Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com