Electronic Components Datasheet Search
  English  ▼

X  

AD8322 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8322
Description  5 V CATV Line Driver Coarse Step Output Power Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8322 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8322 Datasheet HTML 8Page - Analog Devices AD8322 Datasheet HTML 9Page - Analog Devices AD8322 Datasheet HTML 10Page - Analog Devices AD8322 Datasheet HTML 11Page - Analog Devices AD8322 Datasheet HTML 12Page - Analog Devices AD8322 Datasheet HTML 13Page - Analog Devices AD8322 Datasheet HTML 14Page - Analog Devices AD8322 Datasheet HTML 15Page - Analog Devices AD8322 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
REV. 0
AD8322
–15–
EVALUATION BOARD BILL OF MATERIALS
AD8322 Evaluation Board Rev. DC SINGLE-ENDED INVERTING INPUT – Revised – June 22, 2000
Qty.
Description
Vendor
Ref Desc.
1
10
µF 16 V. ‘C’ size tantalum chip capacitor
ADS# 4-7-6
C18
12
0.1
µF 50 V. 1206 size ceramic chip capacitor
ADS# 4-5-18
C1–8, 10–13
10
0
1/8 W. 1206 size chip resistor
ADS# 3-18-88
R1, 2, 3, 6, 8, 10, 14–16, 18
1
118
1% 1/8 W. 1206 size chip resistor
ADS# 3-18-106
R7
8
White Test Point (CLK,
PD, CP, SDATA, DATEN)
ADS# 12-18-42
TP1–6, 17, 19
1
Black Test Point (GND)
ADS# 12-18-44
TP20
1
Red Test Point (VCC)
ADS# 12-18-43
TP15
2
Yellow Test Point (+/- INPUT)
ADS# 12-18-32
TP13 & TP14
475
right-angle BNC Telegartner # J01003A1949
ADS# 12-6-28
S1–4 (INPUT, OUTPUT)
1
Centronics type 36-pin Right-Angle female connector
ADS# 12-3-50
P1
2
5-way Metal Binding Post
ADS# 12-7-7
J1, 2 (VCC, GND)
1
TOKO # 617 DB-A0070 transformer
Toko # 617DB-A0070
T2B
1
Diplexer PULSE
*
PULSE
U2
1
AD8322 (TSSOP)
ADS# AD8322
D.U.T. (U1)
1
AD8322 REV. E Evaluation PC board
D.S.C.
Evaluation PC board
4#4 – 40
× 1/4 inch ss panhead machine screw
ADS# 30-1-1
4#4 – 40
× 3/4 inch long aluminum round stand-off
ADS# 30-16-3
2# 2 – 56
× 3/8 inch ss panhead machine screw
ADS# 30-1-17
(p1 hardware)
2
# 2 steel flat washer
ADS# 30-6-6
(p1 hardware)
2
# 2 steel internal tooth lockwasher
ADS# 30-5-2
(p1 hardware)
2
# 2 ss hex. machine nut
ADS# 30-7-6
(p1 hardware)
DO NOT INSTALL C9, C14–C16, TP7–TP12, TP21, TP22, R4, R5, R9, R11–R13, R17, R19, R20, T1, T2A.
*PULSE Diplexer Part #’s B5008 (42 MHz), CX6002 (42 MHz), B5009 (65 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com