Electronic Components Datasheet Search
  English  ▼

X  

10080 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 10080
Description  AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, RIGHT HANDED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

10080 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  10080 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973-560-0019
Whippany, New Jersey
Fax: 973-560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
DESCRIPTION
NOMINAL O.D.
COLOR CODE
COLOR
APPROVAL
CABLE SPECIFICATIONS
OVERALL
RATING
OR
TOLERANCE IN MM
UNLESS OTHERWISE SPECIFIED
> 1000
±
50
<= 1000
±
30
STRIPPED LENGTH
±
2
SHEET
1 of 1
R
C R
200±30
230cm±5cm
OR
IEC 60320 C14
COLOR BLACK
C R
RIGHT HANDED
IEC 60320 C13
COLOR BLACK
R
C R
R
HANKING DETAIL
OR
AMERICAN JUMPER CORD SET, IEC 60320
C14 TO IEC 60320 C13, RIGHT HANDED
10080
E
SS
10/16/98
AH
12/18/98
SS
12/18/98
18/3 SVT
105°C, VW-1
NORTH AMERICAN
6.3
10A 125V
BLACK
NOTES:
1. Actual plug & connector (design & shape) may differ from drawing.
RoHS
COMPLIANT


Similar Part No. - 10080

ManufacturerPart #DatasheetDescription
logo
Heyco.
10080 HEYCO-10080 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
ERNI Electronics
100800050001 ERNI-100800050001 Datasheet
173Kb / 1P
ERMETZD MESSERLEISTE 3-10
logo
Winchester Electronics ...
1008001P WINCHESTER-1008001P Datasheet
4Mb / 7P
OUTLINE ASSEMBLY-MARC SHIELDED PIN&SOCKET CONTACTS
1008001S WINCHESTER-1008001S Datasheet
4Mb / 7P
OUTLINE ASSEMBLY-MARC SHIELDED PIN&SOCKET CONTACTS
logo
ERNI Electronics
100800360001 ERNI-100800360001 Datasheet
63Kb / 1P
ERmet Messerleiste PM 14,3
More results

Similar Description - 10080

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
43R01-X2X1 POWERDYNAMICS-43R01-X2X1 Datasheet
242Kb / 1P
IEC 60320 C13& C15 FEMALE POWER CORD PLUG; R/A RIGHT HANDED CONNECTION
1162H POWERDYNAMICS-1162H Datasheet
62Kb / 1P
AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10084 POWERDYNAMICS-10084 Datasheet
57Kb / 1P
AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C13, RIGHT HANDED
10086 POWERDYNAMICS-10086 Datasheet
54Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 5-15P TO IEC 60320 C13, LEFT HANDED
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
13012 POWERDYNAMICS-13012 Datasheet
51Kb / 1P
SWISS CORD SET SEV 1011 TO IEC 60320 C13 FEMALE
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
18012 POWERDYNAMICS-18012 Datasheet
50Kb / 1P
DENMARK CORD SET; 250cm LONG SRAF TO IEC 60320 C13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com