Electronic Components Datasheet Search
  English  ▼

X  

10092 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 10092
Description  AMERICAN CORD SET; 230cm LONG NEMA 1-15P TO IEC 60320 C7
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

10092 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  10092 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973-560-0019
Whippany, New Jersey
Fax: 973-560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
DESCRIPTION
-
COLOR CODE
COLOR
APPROVAL
CABLE SPECIFICATIONS
OVERALL
RATING
OR
TOLERANCE IN MM
UNLESS OTHERWISE SPECIFIED
> 1000
±
50
<= 1000
±
30
STRIPPED LENGTH
±
2
SHEET
1 of 1
R
C R
180±20
230cm±5cm
NEMA 1-15P
R
C R
OR
OR
IEC 60320 C7
R
C R
HANKING DETAIL
AMERICAN CORD SET; 230cm LONG
NEMA 1-15P TO IEC 60320 C7
10092
E
BP
4/25/00
JJ
4/25/00
TD
4/25/00
18/2 SPT-1, VW-1, 105°C
NON-INTEGRAL
NORTH AMERICAN
-
10A 125V
BLACK
NOTES:
1. Actual plug & connector (design & shape) may differ from drawing.
COLOR: BLACK
COLOR: BLACK


Similar Part No. - 10092

ManufacturerPart #DatasheetDescription
logo
Heyco.
10092 HEYCO-10092 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
PHOENIX CONTACT
1009220 PHOENIX-1009220 Datasheet
665Kb / 20P
Industrial Ethernet Switch - FL SWITCH 2308 PN
Dec 2, 2022
1009222 PHOENIX-1009222 Datasheet
876Kb / 27P
Industrial Ethernet Switch - FL SWITCH 2306-2SFP PN
Dec 2, 2022
More results

Similar Description - 10092

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
1162H POWERDYNAMICS-1162H Datasheet
62Kb / 1P
AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG
10060 POWERDYNAMICS-10060 Datasheet
54Kb / 1P
AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C19, 250cm LONG
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10084 POWERDYNAMICS-10084 Datasheet
57Kb / 1P
AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C13, RIGHT HANDED
10086 POWERDYNAMICS-10086 Datasheet
54Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 5-15P TO IEC 60320 C13, LEFT HANDED
10087 POWERDYNAMICS-10087 Datasheet
62Kb / 1P
AMERICAN CORD SET; 230cm LONG NEMA 5-15P TO IEC 60320 C13; 16/3 SJT
10088 POWERDYNAMICS-10088 Datasheet
57Kb / 1P
N.A, CORD SET; 230cm LONG NEMA 5-15P TO IEC C13; 18/3 SVT
10090 POWERDYNAMICS-10090 Datasheet
57Kb / 1P
N/A POWER CORD; 230cm LONG NEMA 5-15P TO IEC 60320 C5
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com