Electronic Components Datasheet Search
  English  ▼

X  

CLR301BTP Datasheet(PDF) 1 Page - Visual Communications Company

Part # CLR301BTP
Description  5MM ROUND LOW PROFILE PLAIN LENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CLR301BTP Datasheet(HTML) 1 Page - Visual Communications Company

  CLR301BTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MATERIAL: Polycarbonate, UL 94-V2
REV.
SPC 125 spacer on back of lens), and insert LED into lens.
DESCRIPTION
2.
1
ASSEMBLY: Insert lens through panel hole, (for thin panels less than .188 [4.75mm] thick, slide
SEE NOTES
chamfered.
CHANGE LENS DESIGN FROM FRESNEL TO PLAIN,
Panel thickness .031 [.8 mm] to .250 [6.35mm]. Panel hole should be deburred, but not
1.
.05] panel hole on .375 [9.5mm] centers.
6.35mm
.002 [
DATE
INITIALS
UL 94-V2
POLYCARBONATE,
3.
4.
U.S. & Foreign Pat. Issued & Pend.
SPACER
(ORDER SEPARATELY)
SMU
4-23-10
REVISED PER ECR111009AZ01
001
KH
1-7-10
ADD UL RATING TO MATERIAL.
NOTES:
MOUNTING: Mounts in a
.250
REVISIONS
ECN#
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
4-23-10
CLR 301 XXX
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
4-23-10
SMU
DZ
PROFILE PLAIN LENS
VISUAL COMMUNICATIONS COMPANY, INC. ANY
BREAK ALL CORNERS AND SHARP
PROHIBITED.
DRAWN:
CHECKED:
TITLE:
B
DWG. NO.
SCALE: 1:1
REV
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
THE INFORMATION CONTAINED IN THIS
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
FINISH
VISUAL COMMUNICATIONS COMPANY, INC.
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
APPROVAL
DRAWING IS THE SOLE PROPERTY OF
EDGES .030 MAX
WITHOUT THE WRITTEN PERMISSION OF
REPRODUCTION IN PART OR AS A WHOLE
SHEET 1 OF 1
1
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
5MM ROUND LOW
001
10.92mm
.430
6.35mm
.250
.280
7.11mm
.070
1.79mm
.270
6.86mm
MODEL
ORDERING CODE :
CLR 301 XXX
SPC 125
LED
LENS
ASSEMBLY
SPC 125 SPACER
DISPLAY
PANEL


Similar Part No. - CLR301BTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLR301BTP VCC-CLR301BTP Datasheet
78Kb / 1P
PROFILE PLAIN LENS 5MM ROUND LOW
More results

Similar Description - CLR301BTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMC313RTP VCC-CMC313RTP Datasheet
75Kb / 1P
5MM ROUND PLAIN DIFFUSED LENS
CMC321RTP VCC-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CMC323CTP VCC-CMC323CTP Datasheet
75Kb / 1P
5MM ROUND PLAIN END LENS
CML325CTP VCC-CML325CTP Datasheet
77Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CML327CTP VCC-CML327CTP Datasheet
76Kb / 1P
5MM ROUND PLAIN END LENS
CLR-301 VCC-CLR-301 Datasheet
78Kb / 1P
PROFILE PLAIN LENS 5MM ROUND LOW
CMC-313 VCC-CMC-313 Datasheet
75Kb / 1P
DIFFUSED LENS 5MM ROUND PLAIN
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
CMC-323 VCC-CMC-323 Datasheet
75Kb / 1P
END LENS 5MM ROUND PLAIN
CML-327 VCC-CML-327 Datasheet
76Kb / 1P
5MM ROUND PLAIN END LENS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com