Electronic Components Datasheet Search
  English  ▼

X  

CMC313BTP Datasheet(PDF) 1 Page - Visual Communications Company

Part # CMC313BTP
Description  5MM ROUND PLAIN DIFFUSED LENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

CMC313BTP Datasheet(HTML) 1 Page - Visual Communications Company

  CMC313BTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ORDERING CODE :
MODEL
CMC 313 XXX
RNG 268
PCB
LED
DISPAY PANEL
ASSEMBLY
LENS
RNG 268
RETAINER
UL 94-V2
RETAINER
3.
(ORDER SEPARATELY)
SEE NOTES
.05] panel hole on .375 [9.5mm] centers.
chamfered.
MATERIAL: Polycarbonate, UL 94-V2
Panel thickness .031 [0.8mm] to .250 [6.35mm]. Panel hole should be deburred, but not
1.
U.S. & Foreign Pat. Issued & Pend.
REVISIONS
REV.
POLYCARBONATE,
ECN#
SMU
4-23-10
REVISED PER ECR111009AZ01
001
INITIALS
DATE
the case.
mounted LEDs slide into lens when the panel cover is closed or the PCB card is inserted into
2.
ASSEMBLY: Insert lens through panel hole, slide RNG 268 retainer on back of lens. PCB
DESCRIPTION
4.
NOTES:
MOUNTING: Mounts in a
.281 .002 [
7.13mm
LENS COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
4-23-10
4-23-10
CMC 313 XXX
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
SMU
DZ
DIFFUSED LENS
VISUAL COMMUNICATIONS COMPANY, INC. ANY
WITHOUT THE WRITTEN PERMISSION OF
APPROVAL
BREAK ALL CORNERS AND SHARP
PROHIBITED.
DRAWN:
CHECKED:
TITLE:
B
DWG. NO.
SCALE: 1:1
REV
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
1
THE INFORMATION CONTAINED IN THIS
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
THIRD ANGLE PROJECTION
VISUAL COMMUNICATIONS COMPANY, INC.
FINISH
SHEET 1 OF 1
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
REPRODUCTION IN PART OR AS A WHOLE
DRAWING IS THE SOLE PROPERTY OF
EDGES .030 MAX
2
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
5MM ROUND PLAIN
001
.300
7.62mm
.281
7.14mm
.260
6.6mm
.330
8.38mm


Similar Part No. - CMC313BTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CMC313BTP VCC-CMC313BTP Datasheet
75Kb / 1P
DIFFUSED LENS 5MM ROUND PLAIN
More results

Similar Description - CMC313BTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLR301RTP VCC-CLR301RTP Datasheet
78Kb / 1P
5MM ROUND LOW PROFILE PLAIN LENS
CMC323CTP VCC-CMC323CTP Datasheet
75Kb / 1P
5MM ROUND PLAIN END LENS
CML325CTP VCC-CML325CTP Datasheet
77Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CML327CTP VCC-CML327CTP Datasheet
76Kb / 1P
5MM ROUND PLAIN END LENS
logo
List of Unclassifed Man...
LC2-XXX ETC2-LC2-XXX Datasheet
109Kb / 1P
LENS CAP FLP ASSEMBLY 5MM ROUND
logo
Visual Communications C...
CLR-301 VCC-CLR-301 Datasheet
78Kb / 1P
PROFILE PLAIN LENS 5MM ROUND LOW
CMC-313 VCC-CMC-313 Datasheet
75Kb / 1P
DIFFUSED LENS 5MM ROUND PLAIN
CMC-323 VCC-CMC-323 Datasheet
75Kb / 1P
END LENS 5MM ROUND PLAIN
CML-327 VCC-CML-327 Datasheet
76Kb / 1P
5MM ROUND PLAIN END LENS
CMS-444 VCC-CMS-444 Datasheet
87Kb / 1P
SEAL 5MM ROUND STANDARD THREADED PLAIN LENS WITH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com