Electronic Components Datasheet Search
  English  ▼

X  

14012 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 14012
Description  BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

14012 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  14012 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973-560-0019
Whippany, New Jersey
Fax: 973-560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
DESCRIPTION
-
COLOR CODE
COLOR
APPROVAL
CABLE SPECIFICATIONS
OVERALL
RATING
TOLERANCE IN MM
UNLESS OTHERWISE SPECIFIED
> 1000
±
50
<= 1000
±
30
STRIPPED LENGTH
±
2
Ö V E
D E
V
CEBEC
EUR
EMA
N
D
SHEET
1 of 1
NOTES:
1. Cord set is supplied with a 13A fuse
250cm±5cm
HANKING DETAIL
200±30
NOMINAL O.D.
7.1
BRITISH FUSED CORD SET 250cm LONG
BS 1363 TO IEC 60320 C13, 13A FUSE
14012
G
AH
8/25/98
TD
4/20/99
PJ
4/20/99
3x1.0mm²
H05VV-F
10A 250V
BLACK
INT'L
BS 1363/A
COLOR BLACK
EUR
EMA
BS 1363/A
EUR
EMA
BS 1363/A
IEC 60320 C13
COLOR BLACK


Similar Part No. - 14012

ManufacturerPart #DatasheetDescription
logo
Heyco.
14012 HEYCO-14012 Datasheet
147Kb / 1P
Nylon Cable Tie Variations
logo
METZ CONNECT GmbH
1401200810MI METZ-1401200810MI Datasheet
247Kb / 7P
E-DAT Industry RJ45 coupler insert Cat.6 Class E
2023/02/15 Version: AN
logo
PHOENIX CONTACT
1401201 PHOENIX-1401201 Datasheet
60Kb / 3P
Panel feed-through - SACC-DSI-FS-5CON-PG9/2,0PE SCO
1401204 PHOENIX-1401204 Datasheet
1Mb / 9P
SACC-E-M12FS-5CON-PG9/1,0 VAPO - Device connector front mounting
1401205 PHOENIX-1401205 Datasheet
344Kb / 8P
SACC-E-M12FS-8CON-PG9/1,0 VAPO - Device connector front mounting
More results

Similar Description - 14012

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
1162H POWERDYNAMICS-1162H Datasheet
62Kb / 1P
AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG
10060 POWERDYNAMICS-10060 Datasheet
54Kb / 1P
AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C19, 250cm LONG
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
12013 POWERDYNAMICS-12013 Datasheet
56Kb / 1P
EUROPEAN CORD SET; 250cm LONG CEE 7/7 R/A TO IEC 60320 C13
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
16012 POWERDYNAMICS-16012 Datasheet
56Kb / 1P
INDIA / SOUTH AFRICA CORD SET; 250cm LONG; BS546/A TO IEC 60320 C13
18012 POWERDYNAMICS-18012 Datasheet
50Kb / 1P
DENMARK CORD SET; 250cm LONG SRAF TO IEC 60320 C13
19012 POWERDYNAMICS-19012 Datasheet
52Kb / 1P
JAPAN CORD SET; 250cm LONG JIS 8303 TO IEC 60320 C13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com