Electronic Components Datasheet Search
  English  ▼

X  

16012 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 16012
Description  INDIA / SOUTH AFRICA CORD SET; 250cm LONG; BS546/A TO IEC 60320 C13
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

16012 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  16012 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973-560-0019
Whippany, New Jersey
Fax: 973-560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
DESCRIPTION
-
COLOR CODE
COLOR
APPROVAL
CABLE SPECIFICATIONS
OVERALL
RATING
TOLERANCE IN MM
UNLESS OTHERWISE SPECIFIED
> 1000
±
50
<= 1000
±
30
STRIPPED LENGTH
±
2
Ö V E
D E
V
CEBEC
EUR
EMA
N
D
SHEET
1 of 1
250cm±5cm
170±20
20.0
34.5
20.7
BS546/A
15.5
Ø7.00
Ø5.00
18.9
E
N
L
IEC 60320 C13
D E
V
Ö V E
HANKING DETAIL
36.30
54 REF.
18.3
INDIA / SOUTH AFRICA CORD SET;
250cm LONG; BS546/A TO IEC 60320 C13
16012
E
TD
4/30/99
PJ
4/30/99
SS
4/30/99
NOMINAL O.D.
7.1
INT'L
3x1.0mm²
H05VV-F
5A 250V
BLACK
CEBEC
EUR
EMA
N
D


Similar Part No. - 16012

ManufacturerPart #DatasheetDescription
logo
Heyco.
16012 HEYCO-16012 Datasheet
150Kb / 2P
Hook and Loop – Ties
logo
NTE Electronics
16012-ECG NTE-16012-ECG Datasheet
125Kb / 4P
Polymeric Positive Temperature Coefficient
logo
List of Unclassifed Man...
160121-0 ETC2-160121-0 Datasheet
35Kb / 1P
AMP Terminals and Splices Application Tooling, Servece Kits
1601231000F-F ETC2-1601231000F-F Datasheet
779Kb / 5P
Metallized Polyester Radial Lead Capacitors
160123400C-F ETC2-160123400C-F Datasheet
779Kb / 5P
Metallized Polyester Radial Lead Capacitors
More results

Similar Description - 16012

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
1162H POWERDYNAMICS-1162H Datasheet
62Kb / 1P
AMERICAN CORD SET, HOSPITAL GRADE NEMA 5-15P TO IEC 60320 C13; 250cm LONG
10060 POWERDYNAMICS-10060 Datasheet
54Kb / 1P
AMERICAN CORD SET, NEMA 5-15P TO IEC 60320 C19, 250cm LONG
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
12013 POWERDYNAMICS-12013 Datasheet
56Kb / 1P
EUROPEAN CORD SET; 250cm LONG CEE 7/7 R/A TO IEC 60320 C13
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
15012 POWERDYNAMICS-15012 Datasheet
52Kb / 1P
AUSTRALIAN CORD SET, AS 3112 TO IEC 60320 C13
18012 POWERDYNAMICS-18012 Datasheet
50Kb / 1P
DENMARK CORD SET; 250cm LONG SRAF TO IEC 60320 C13
19012 POWERDYNAMICS-19012 Datasheet
52Kb / 1P
JAPAN CORD SET; 250cm LONG JIS 8303 TO IEC 60320 C13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com