Electronic Components Datasheet Search
  English  ▼

X  

B26 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # B26
Description  2 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

B26 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  B26 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
2 CELL PP3 (6R61) 9V BATTERY HOLDER,
PANEL MOUNT, SOLDER TERMINALS
B26
B
PB
12/27/99
TD
12/29/99
JJ
12-29-99
LIFT TO WITHDRAW
BATTERY
BATTERY
LIFT TO WITHDRAW
_
+
+
_
67.3
+0.1
75.60
24.5
+0.1
85.6
29.0
2X Ø3.20
66.8
24.0
RECOMMENDED
PANEL CUTOUT
75.60
2X Ø3.20 THRU
Ø6.35x45° CSK
2.80 TYP.
MATERIAL AND FINISH
Insulator: Glass filled Nylon, black, UL-94-HB rated
Contacts: Phosphor Bronze, Tin plated
Spring: Spring Steel
ENVIRONMENTAL
Operating temperature: -30°C TO +70°C
CORRECTLY
INSERT
+
54.0
60 REF.
3.0
0.30
1.5x3.0 TYP.
VIEW INSIDE
BATTERY
MAGAZINE
RoHS
COMPLIANT


Similar Part No. - B26

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B26 DBLECTRO-B26 Datasheet
240Kb / 1P
FEMALE HEADER PROFILE : 7.0mm STRAIGHT
logo
Diodes Incorporated
B260 DIODES-B260 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B260 FUJI-B260 Datasheet
668Kb / 1P
2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B260 WEITRON-B260 Datasheet
168Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B260 DIODES-B260 Datasheet
356Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
S13004 Rev. 13 - 2
More results

Similar Description - B26

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
400-1800 CAMBION-400-1800 Datasheet
136Kb / 1P
"PP3" size Battery Holder - Solder tag connection
400-1803 CAMBION-400-1803 Datasheet
135Kb / 1P
"PP3" size Battery Holder - PC mount
logo
PowerDynamics, Inc
B23 POWERDYNAMICS-B23 Datasheet
44Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B27 POWERDYNAMICS-B27 Datasheet
42Kb / 1P
4 CELL AA (R6) BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B33 POWERDYNAMICS-B33 Datasheet
42Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PCB/BASEBOARD MOUNT, SOLDER TERMINALS
B34 POWERDYNAMICS-B34 Datasheet
40Kb / 1P
1 CELL AAA (R03) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
logo
List of Unclassifed Man...
12BH610-GR ETC2-12BH610-GR Datasheet
169Kb / 1P
9V Battery Holder
12BH614A-GR ETC2-12BH614A-GR Datasheet
203Kb / 1P
9V Battery Holder
12BH616P-GR ETC2-12BH616P-GR Datasheet
101Kb / 1P
9V Battery Holder
logo
SparkFun Electronics
PRT-10512 SPARKFUN-PRT-10512 Datasheet
123Kb / 1P
9V Battery Holder
8/3/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com