Electronic Components Datasheet Search
  English  ▼

X  

B27 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # B27
Description  4 CELL AA (R6) BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

B27 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  B27 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
4 CELL AA (R6) BATTERY HOLDER, PANEL
MOUNT, SOLDER TERMINALS
B27
C
SS
1-11-95
LH
1-12-95
AH
1-12-95
BATTERIES
DEPRESS ENDS TO REMOVE DRAWER
FOR MAX VOLTAGE
+
_
_
LINK
+
72.5
+0.1
82.60
21.2
+0.1
2X Ø3.80
RECOMMENDED
PANEL CUTOUT
82.60
95.5
26.0
2.80 TYP.
1.6x2.8 TYP.
14.5 TYP.
4.0
57.5
0.50 TYP.
9.9
23.0
30.1
MATERIAL AND FINISH:
Insulator: Glass filled Nylon, black, UL-94-HB rated
Contacts: Phosphor Bronze, Tin plated
Clean Nickel Silver
ENVIRONMENTAL
Operating temperature: -30°C TO +70°C
2X Ø3.80 THRU
Ø6.35x45° CSK
71.3±0.5
RoHS
COMPLIANT


Similar Part No. - B27

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B27 DBLECTRO-B27 Datasheet
208Kb / 1P
FEMALE HEADER PROFILE : 6.4mm SMT TYPE
logo
Diodes Incorporated
B270 DIODES-B270 Datasheet
44Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. A-2
B270 DIODES-B270 Datasheet
265Kb / 3P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
B270 DIODES-B270 Datasheet
110Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 10 - 2
B270 DIODES-B270 Datasheet
414Kb / 6P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 12
More results

Similar Description - B27

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HH-3633 BUD-HH-3633 Datasheet
24Kb / 1P
BATTERY HOLDER - 4 AA
logo
PowerDynamics, Inc
B1X-1 POWERDYNAMICS-B1X-1 Datasheet
45Kb / 1P
AA (R6) BATTERY HOLDER, PANEL MOUNT
B23 POWERDYNAMICS-B23 Datasheet
44Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B26 POWERDYNAMICS-B26 Datasheet
45Kb / 1P
2 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B35 POWERDYNAMICS-B35 Datasheet
42Kb / 1P
1 CELL AA (R6) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
PDSN-12A POWERDYNAMICS-PDSN-12A Datasheet
44Kb / 1P
AA BATTERY HOLDER, 1 CELL
PDSN-13A POWERDYNAMICS-PDSN-13A Datasheet
51Kb / 1P
4 CELL TYPE AA BATTERY HOLDER
PDSN-22A POWERDYNAMICS-PDSN-22A Datasheet
49Kb / 1P
4 CELL TYPE AA BATTERY HOLDER
logo
List of Unclassifed Man...
12BH309-GR ETC2-12BH309-GR Datasheet
101Kb / 1P
10 AA Cell Battery Holder
12BH343D-GR ETC2-12BH343D-GR Datasheet
97Kb / 1P
4 AA Battery Holder with Solder Tabs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com