Electronic Components Datasheet Search
  English  ▼

X  

B34 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # B34
Description  1 CELL AAA (R03) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

B34 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  B34 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
1 CELL AAA (R03) BATTERY HOLDER, PCB/
BASEBOARD MOUNT, SOLDER TERMINALS
B34
GQ
02/25/02
TD
02/26/02
PB
02/26/02
15.2
22.3
27.0
52.3
17.3
13.5
28.00
48.90
1.6
3.0
2X 1.00
2X 2.80
0.50 TYP.
2X Ø3.20
28.00
48.90
2X Ø1.60
2X Ø3.20
RECOMMENDED
PCB MOUNT
MATERIAL AND FINISH:
Insulator: Glass filled Nylon, black, UL-94-HB rated
Contacts: Clean Nickel Silver
ENVIRONMENTAL
Operating temperature: -30°C TO +70°C
2X 1.6x3.0
+
RoHS
COMPLIANT


Similar Part No. - B34

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B34 DBLECTRO-B34 Datasheet
233Kb / 1P
FEMALE HEADER PROFILE : 2.1mm SMT TYPE
logo
Diodes Incorporated
B340 DIODES-B340 Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Fuji Electric
B340 FUJI-B340 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B340 WEITRON-B340 Datasheet
181Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B340 DIODES-B340 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
More results

Similar Description - B34

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCAAAPC ETC1-BCAAAPC Datasheet
65Kb / 1P
ONE AAA CELL HOLDER
logo
PowerDynamics, Inc
B23 POWERDYNAMICS-B23 Datasheet
44Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B27 POWERDYNAMICS-B27 Datasheet
42Kb / 1P
4 CELL AA (R6) BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B33 POWERDYNAMICS-B33 Datasheet
42Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PCB/BASEBOARD MOUNT, SOLDER TERMINALS
B35 POWERDYNAMICS-B35 Datasheet
42Kb / 1P
1 CELL AA (R6) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
B36 POWERDYNAMICS-B36 Datasheet
41Kb / 1P
1 CELL C (R14) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
B37 POWERDYNAMICS-B37 Datasheet
41Kb / 1P
1 CELL D (R20) BATTERY HOLDER INTERLOCKING; PCB / BASEBOARD MOUNT
PDSN-41-1A POWERDYNAMICS-PDSN-41-1A Datasheet
45Kb / 1P
1 CELL TYPE AAA BATTERY HOLDER
logo
List of Unclassifed Man...
12BH412-GR ETC2-12BH412-GR Datasheet
84Kb / 1P
1 AAA Battery Holder with PCB Pins
12BH422D-GR ETC2-12BH422D-GR Datasheet
88Kb / 1P
2 AAA Battery Holder with Solder Tabs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com