Electronic Components Datasheet Search
  English  ▼

X  

B35 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # B35
Description  1 CELL AA (R6) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

B35 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  B35 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
1 CELL AA (R6) BATTERY HOLDER, PCB/
BASEBOARD MOUNT, SOLDER TERMINALS
B35
A
BP
11/06/00
TD
11/06/00
JJ
11/06/00
+
PDI
23.4
30.4
56.80
0.50 TYP.
33.00
17.5
21.6
33.00
56.80
2X Ø3.80
2X Ø1.60
RECOMMENDED
PCB MOUNT
60.30
6.6
1.6
2X 1.00
2X Ø3.80 THRU
Ø7.5x90° CSK
2X 2.80
2X 1.6x3.0
MATERIAL AND FINISH:
Insulator: Glass filled Nylon, black, UL-94-HB rated
Contacts: Clean Nickel Silver
ENVIRONMENTAL
Operating temperature: -30°C TO +70°C
NOTES:
Dual connections. PC spills &
2.8 series tabs/solder tags(PC
spills may be removed if
required)
RoHS
COMPLIANT


Similar Part No. - B35

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
B35 AMPHENOL-B35 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
List of Unclassifed Man...
B35 ETC-B35 Datasheet
215Kb / 2P
Bluetooth Digital Multimeter
B35+ ETC-B35+ Datasheet
215Kb / 2P
Bluetooth Digital Multimeter
logo
Magnetrol International...
B35-1B20-JGH MAGNETROL-B35-1B20-JGH Datasheet
1Mb / 36P
Liquid Level Switches
B35-PS56-JHF MAGNETROL-B35-PS56-JHF Datasheet
472Kb / 36P
Liquid Level Switches ASME B31.1 Construction
More results

Similar Description - B35

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
B1X-1 POWERDYNAMICS-B1X-1 Datasheet
45Kb / 1P
AA (R6) BATTERY HOLDER, PANEL MOUNT
B23 POWERDYNAMICS-B23 Datasheet
44Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B27 POWERDYNAMICS-B27 Datasheet
42Kb / 1P
4 CELL AA (R6) BATTERY HOLDER, PANEL MOUNT, SOLDER TERMINALS
B33 POWERDYNAMICS-B33 Datasheet
42Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PCB/BASEBOARD MOUNT, SOLDER TERMINALS
B34 POWERDYNAMICS-B34 Datasheet
40Kb / 1P
1 CELL AAA (R03) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
B36 POWERDYNAMICS-B36 Datasheet
41Kb / 1P
1 CELL C (R14) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
B37 POWERDYNAMICS-B37 Datasheet
41Kb / 1P
1 CELL D (R20) BATTERY HOLDER INTERLOCKING; PCB / BASEBOARD MOUNT
PDSN-12A POWERDYNAMICS-PDSN-12A Datasheet
44Kb / 1P
AA BATTERY HOLDER, 1 CELL
logo
List of Unclassifed Man...
12BH309-GR ETC2-12BH309-GR Datasheet
101Kb / 1P
10 AA Cell Battery Holder
logo
Adam Technologies, Inc.
BH-02-1 ADAM-TECH-BH-02-1 Datasheet
79Kb / 1P
BATTERY HOLDER, PCB TERMINALS FOR TWO AA CELLS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com