Electronic Components Datasheet Search
  English  ▼

X  

B37 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # B37
Description  1 CELL D (R20) BATTERY HOLDER INTERLOCKING; PCB / BASEBOARD MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

B37 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  B37 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
2X Ø3.80
67.50
35.60
RECOMMENDED
PCB LAYOUT
2X Ø1.60
71.0
38.1
41.9
+
35.60
2X Ø3.80 THRU
Ø7.5x90° CSK
26.7
33.8
0.50 TYP.
67.50
2X 2.80
2X 1.6x3.0
1.5
3.3
2X 1.00
MATERIAL AND FINISH:
Insulator: Glass filled Nylon, black,
UL-94-HB rated
Contacts: Clean Nickel Silver
ENVIRONMENTAL
Operating temperature: -30°C TO +70°C
1 CELL D (R20) BATTERY HOLDER
INTERLOCKING; PCB / BASEBOARD MOUNT
B37
A
PB
11/20/01
TD
11/20/01
RoHS
COMPLIANT


Similar Part No. - B37

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
B37 MICREL-B37 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
Diodes Incorporated
B370 DIODES-B370 Datasheet
45Kb / 2P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. C-2
logo
Weitron Technology
B370 WEITRON-B370 Datasheet
219Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B370 WEITRON-B370 Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B370 DIODES-B370 Datasheet
217Kb / 3P
3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30020 Rev. 8 - 2
More results

Similar Description - B37

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
B1X POWERDYNAMICS-B1X Datasheet
45Kb / 1P
D (R20) BATTERY HOLDER, PANEL MOUNT
B33 POWERDYNAMICS-B33 Datasheet
42Kb / 1P
1 CELL PP3 (6R61) 9V BATTERY HOLDER, PCB/BASEBOARD MOUNT, SOLDER TERMINALS
B34 POWERDYNAMICS-B34 Datasheet
40Kb / 1P
1 CELL AAA (R03) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
B35 POWERDYNAMICS-B35 Datasheet
42Kb / 1P
1 CELL AA (R6) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
B36 POWERDYNAMICS-B36 Datasheet
41Kb / 1P
1 CELL C (R14) BATTERY HOLDER, PCB/ BASEBOARD MOUNT, SOLDER TERMINALS
PDSN-11-1A POWERDYNAMICS-PDSN-11-1A Datasheet
38Kb / 1P
1 CELL TYPE "D" BATTERY HOLDER
PDSN-12-1A POWERDYNAMICS-PDSN-12-1A Datasheet
47Kb / 1P
2 CELL TYPE "D" BATTERY HOLDER
PDSN-12A POWERDYNAMICS-PDSN-12A Datasheet
44Kb / 1P
AA BATTERY HOLDER, 1 CELL
PDSN-21-1A POWERDYNAMICS-PDSN-21-1A Datasheet
43Kb / 1P
1 CELL TYPE C BATTERY HOLDER
PDSN-41-1A POWERDYNAMICS-PDSN-41-1A Datasheet
45Kb / 1P
1 CELL TYPE AAA BATTERY HOLDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com