Electronic Components Datasheet Search
  English  ▼

X  

BX-1 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # BX-1
Description  C SIZE BATTERY HOLDER, PANEL MOUNT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

BX-1 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  BX-1 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
C SIZE BATTERY HOLDER,
PANEL MOUNT
BX/1
C
TD
10/18/99
JJ
10/19/99
SS
10/19/99
BA
TTERY
18
2.5
Ø33.6
3.2 MAX.
0.79 MIN.
B
A
1.6
0.50 TYP.
2.80 TYP.
12.3
Ø1.312"x26 TPI WHIT FORM
MEDIUM FIT TO BS84
CONTACTS ACCEPT
0.110" SERIES TABS
RECOMMENDED
PANEL CUTOUT
Ø38.1
151.2
103.0
B3/1 (3 CELLS)
B2/1 (2 CELLS)
B1/1 (1 CELL)
P/N
A±1.0
62.0
109.5
157.5
54.1
B±1.0
B4/1 (4 CELLS)
203.5
197.0
B5/1 (5 CELLS)
251.0
245.0
Ø28.0
MATERIAL AND FINISH:
Insulator: Nylon, color black, UL-94V-0 rated
Cap & knurled ring: Glass filled Nylon,
color black, UL-94-HB rated
Contact: Brass, Tin plated
Spring: Stainless Steel
End plate: S.R.B.F
ENVIRONMENTAL
Operating temperature: -30°C to +70°C
RoHS
COMPLIANT


Similar Part No. - BX-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BX-143 ETC-BX-143 Datasheet
499Kb / 1P
Glass Fibre Cloth
13/10/11 V1.1
BX-15-ICV-ICV-P25-P25 ETC2-BX-15-ICV-ICV-P25-P25 Datasheet
207Kb / 4P
BEI ELECTRONIC MODULES Encoder Signal Broadcaster
More results

Similar Description - BX-1

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
400-1803 CAMBION-400-1803 Datasheet
135Kb / 1P
"PP3" size Battery Holder - PC mount
400-2800 CAMBION-400-2800 Datasheet
129Kb / 1P
"C" size Battery Holder - Solder tab
400-2801 CAMBION-400-2801 Datasheet
129Kb / 1P
"D" size Battery Holder - Solder tab
400-2803 CAMBION-400-2803 Datasheet
134Kb / 1P
"AA" size Battery Holder - PC mount
logo
PowerDynamics, Inc
B1X POWERDYNAMICS-B1X Datasheet
45Kb / 1P
D (R20) BATTERY HOLDER, PANEL MOUNT
B1X-1 POWERDYNAMICS-B1X-1 Datasheet
45Kb / 1P
AA (R6) BATTERY HOLDER, PANEL MOUNT
PDSN-24-4A POWERDYNAMICS-PDSN-24-4A Datasheet
45Kb / 1P
4X C SIZE BATTERY HOLDER
logo
List of Unclassifed Man...
12BH220-GR ETC2-12BH220-GR Datasheet
79Kb / 1P
Battery Holder 2 C Cells
12BH242-GR ETC2-12BH242-GR Datasheet
151Kb / 2P
Battery Holder 4 C Cells
12BH335-GR ETC2-12BH335-GR Datasheet
144Kb / 1P
AA Size Battery Holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com