Electronic Components Datasheet Search
  English  ▼

X  

AD8346 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8346
Description  0.8 GHz-2.5 GHz Quadrature Modulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8346 Datasheet(HTML) 4 Page - Analog Devices

  AD8346 Datasheet HTML 1Page - Analog Devices AD8346 Datasheet HTML 2Page - Analog Devices AD8346 Datasheet HTML 3Page - Analog Devices AD8346 Datasheet HTML 4Page - Analog Devices AD8346 Datasheet HTML 5Page - Analog Devices AD8346 Datasheet HTML 6Page - Analog Devices AD8346 Datasheet HTML 7Page - Analog Devices AD8346 Datasheet HTML 8Page - Analog Devices AD8346 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. 0
AD8346
–4–
PIN FUNCTION DESCRIPTIONS
Equivalent
Pin
Name
Description
Circuit
1
IBBP
I Channel Baseband Positive Input Pin. Input should be dc biased to approximately 1.2 V.
Circuit A
Nominal characterized ac swing is 1 V p-p (0.7 V to 1.7 V). This makes the differential
input 2 V p-p when IBBN is 180 degrees out of phase from IBBP.
2
IBBN
I Channel Baseband Negative Input Pin. Input should be dc biased to approximately 1.2 V.
Circuit A
Nominal characterized ac swing is 1 V p-p (0.7 V to 1.7 V). This makes the differential
input 2 V p-p when IBBN is 180 degrees out of phase from IBBP.
3
COM1
Ground pin for the LO phase splitter and LO buffers.
4
COM1
Ground pin for the LO phase splitter and LO buffers.
5
LOIN
LO Negative Input Pin. Internal dc bias (approximately VPS1–800 mV) is supplied. This
Circuit B
pin must be ac coupled.
6
LOIP
LO Positive Input Pin. Internal dc bias (approximately VPS1–800 mV) is supplied. This
Circuit B
pin must be ac coupled.
7
VPS1
Power supply pin for the bias cell and LO buffers. This pin should be decoupled using
local 100 pF and 0.01
µF capacitors.
8
ENBL
Enable Pin. A high level enables the device; a low level puts the device in sleep mode.
Circuit C
9
COM2
Ground pin for the input stage of output amplifier.
10
COM3
Ground pin for the output stage of output amplifier.
11
VOUT
50
Ω DC Coupled RF Output. User must provide ac coupling on this pin.
Circuit D
12
VPS2
Power supply pin for Baseband input voltage to current converters and mixer core. This pin
should be decoupled using local 100 pF and 0.01
µF capacitors.
13
COM4
Ground pin for Baseband input voltage to current converters and mixer core.
14
COM4
Ground pin for Baseband input voltage to current converters and mixer core.
15
QBBN
Q Channel Baseband Negative Input. Input should be dc biased to approximately 1.2 V.
Circuit A
Nominal characterized ac swing is 1 V p-p. This makes the differential input 2 V p-p when
QBBN is 180 degrees out of phase from QBBP.
16
QBBP
Q Channel Baseband Positive Input. Input should be dc biased to approximately 1.2 V.
Circuit A
Nominal characterized ac swing is 1 V p-p. This makes the differential input 2 V p-p when
QBBN is 180 degrees out of phase from QBBP.
3k
9k
VPS2
INPUT
BUFFER
TO MIXER
CORE
ACTIVE LOADS
Circuit A
VPS1
LOIN
LOIP
PHASE
SPLITTER
CONTINUES
Circuit B
40k
30k
VPS1
TO BIAS FOR
STARTUP/
SHUTDOWN
780
75k
ENBL
75k
Circuit C
43
43
VPS2
VOUT
Circuit D
Figure 1. Equivalent Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com